Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC876D08A Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC876D08A
Szczegółowy opis  ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876D08A Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC876D08A Datasheet HTML 7Page - Sanyo Semicon Device LC876D08A Datasheet HTML 8Page - Sanyo Semicon Device LC876D08A Datasheet HTML 9Page - Sanyo Semicon Device LC876D08A Datasheet HTML 10Page - Sanyo Semicon Device LC876D08A Datasheet HTML 11Page - Sanyo Semicon Device LC876D08A Datasheet HTML 12Page - Sanyo Semicon Device LC876D08A Datasheet HTML 13Page - Sanyo Semicon Device LC876D08A Datasheet HTML 14Page - Sanyo Semicon Device LC876D08A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LC876D16A/08A
No.A1122-11/19
Electrical Characteristics at Ta = -40°C to +85°C, VSS1 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 7
• Output disable
• Pull-up resister OFF.
• VIN=VDD
(including OFF state leak current
of the output Tr.)
2.5 to 5.5
1
IIH(2)
RES
VIN=VDD
2.5 to 5.5
1
Input high current
IIH(3)
CF1/XT1
VIN=VDD
2.5 to 5.5
1
IIL(1)
Ports 0, 1, 7
• Output disable
• Pull-up resister OFF.
• VIN=VSS
(including OFF state leak current
of the output Tr.)
2.5 to 5.5
-1
IIL(2)
RES
VIN=VSS
2.5 to 5.5
-1
Input low current
IIL(3)
CF1/XT1
VIN=VSS
2.5 to 5.5
-1
μA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
IOH=-0.5mA
3.0 to 5.5
VDD-1
VOH(3)
Port 0: CMOS
output option
Ports 1
IOH=-0.1mA
2.5 to 5.5
VDD-0.5
VOH(4)
Port 71
IOH=-0.4mA
2.5 to 5.5
VDD-1
VOH(5)
IOH=-20.0mA
4.5 to 5.5
VDD-1.8
VOH(6)
IOH=-10.0mA
3.0 to 5.5
VDD-1.8
VOH(7)
S0/T0 to S15/T15
• IOH=-1.0mA
• IOH at any single pin is
not over 1mA.
2.5 to 5.5
VDD-1
VOH(8)
IOH=-5.0mA
4.5 to 5.5
VDD-1.8
VOH(9)
IOH=-2.5mA
3.0 to 5.5
VDD-1.8
Output high
voltage
VOH(10)
S16 to S53
• IOH=-1.0mA
• IOH at any single pin is
not over 1mA.
2.5 to 5.5
VDD-1
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
IOL=5mA
3.0 to 5.5
1.5
VOL(3)
Ports 0, 1
IOL=1.6mA
2.5 to 5.5
0.4
Output low
voltage
VOL(4)
Port 7
IOL=1mA
2.5 to 5.5
0.4
V
4.5 to 5.5
15
40
70
Pull-up resistor
Rpu
Ports 0, 1, 7
VOH=0.9VDD
2.5 to 4.5
25
70
150
k
Ω
IOFF(1)
• Output P-ch Tr. OFF
• VOUT=VSS
2.5 to 5.5
-1
Output off-leak
current
IOFF(2)
S0/T0 to S15/T15,
S16 to S53
• Output P-ch Tr. OFF
• VOUT=VDD-40V
2.5 to 5.5
-30
μA
Pull-down resistor
Rpd
• S0/T0 to S15/T15
• S16 to S53
• Output P-ch Tr. OFF
• VOUT=3V
• Vp=-30V
5.0
60
100
200
k
Ω
Hysteresis
voltage
VHYS(1)
• Ports 0, 1, 7
• RES
2.5 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• f=1MHz
• All other terminals connected
to VSS.
• Ta=25°C
2.5 to 5.5
10
pF


Podobny numer części - LC876D08A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Podobny opis - LC876D08A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com