Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC877C40C Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC877C40C
Szczegółowy opis  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C40C Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC877C40C Datasheet HTML 5Page - Sanyo Semicon Device LC877C40C Datasheet HTML 6Page - Sanyo Semicon Device LC877C40C Datasheet HTML 7Page - Sanyo Semicon Device LC877C40C Datasheet HTML 8Page - Sanyo Semicon Device LC877C40C Datasheet HTML 9Page - Sanyo Semicon Device LC877C40C Datasheet HTML 10Page - Sanyo Semicon Device LC877C40C Datasheet HTML 11Page - Sanyo Semicon Device LC877C40C Datasheet HTML 12Page - Sanyo Semicon Device LC877C40C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-9/21
Port Output Types
Port form and pull-up resistor options are shown in the following table.
Port status can be read even when port is set to output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
each bit
2
Nch-open drain
None
1
CMOS
Programmable
P10 to P17
each bit
2
Nch-open drain
Programmable
P70
-
None
Nch-open drain
Programmable
P71 to P73
-
None
CMOS
Programmable
P80 to P87
-
None
Nch-open drain
None
S0/PA0 to S15/PB7
S24/PD7 to S39/PE7
-
None
CMOS
Programmable
COM0/PL0 to
COM3/PL3
-
None
Input only
None
V1/PL4 to V3/PL6
-
None
Input only
None
PWM2, PWM3
-
None
CMOS
None
XT1
-
None
Input only
None
XT2
-
None
Output for 32.768kHz crystal oscillation
None
Note 1: Attachment of Port0 programmable pull-up resistors is controllable in nibble units (P00 to 03, P04 to 07).
*1: Connect as follows to reduce noise on VDD.
VSS1, VSS2 and VSS3 must be connected together and grounded.
*2: The power supply for the internal memory is VDD1 but it uses the VDD2 as the power supply for ports.
When the VDD2 is not backed up, the port level does not become “H” even if the port latch is in the “H” level.
Therefore, when the VDD2 is not backed up and the port latch is “H” level, the port level is unstable in the HOLD
mode, and the back up time becomes shorter because the through current runs from VDD to GND in the input buffer.
If VDD2 is not backed up, output “L” by the program or pull the port to “L” by the external circuit in the HOLD
mode so that the port level becomes “L” level and unnecessary current consumption is prevented.
LSI
VDD1
Back-up capacitors *2
VDD2
VDD3
VSS2
VSS1
Power
supply
VSS3


Podobny numer części - LC877C40C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Podobny opis - LC877C40C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com