Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC877C40C Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC877C40C
Szczegółowy opis  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C40C Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC877C40C Datasheet HTML 7Page - Sanyo Semicon Device LC877C40C Datasheet HTML 8Page - Sanyo Semicon Device LC877C40C Datasheet HTML 9Page - Sanyo Semicon Device LC877C40C Datasheet HTML 10Page - Sanyo Semicon Device LC877C40C Datasheet HTML 11Page - Sanyo Semicon Device LC877C40C Datasheet HTML 12Page - Sanyo Semicon Device LC877C40C Datasheet HTML 13Page - Sanyo Semicon Device LC877C40C Datasheet HTML 14Page - Sanyo Semicon Device LC877C40C Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-11/21
Allowable Operating Range at Ta = -30°C to +70°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD [V]
min
typ
max
unit
VDD(1)
0.245µs
≤ tCYC≤ 200µs
4.5
5.5
VDD(2)
0.294µs
≤ tCYC≤ 200µs
2.8
5.5
Operating
supply voltage
range
VDD(3)
VDD1=VDD2=VDD3
0.735µs
≤ tCYC≤ 200µs
2.2
5.5
Supply
voltage range
in Hold mode
VHD
VDD1
Keep RAM and register data in
HOLD mode.
2.0
5.5
VIH(1)
• Ports 0, 8
• Ports A, B, D, E, L
Output disable
2.2 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
• Port 1
• Ports 71, 72, 73
• P70
port input/interrupt
Output disable
2.2 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
P87 small signal input
Output disable
2.2 to 5.5
0.75VDD
VDD
VIH(4)
Port 70
Watchdog timer
Output disable
2.2 to 5.5
0.9VDD
VDD
Input high
voltage
VIH(5)
XT1, XT2, CF1, RES
2.2 to 5.5
0.75VDD
VDD
VIL(1)
4.0 to 5.5
VSS
0.15VDD
+0.4
VIL(2)
• Ports 0, 8
• Ports A, B, D, E, L
Output disable
2.2 to 4.0
VSS
0.2VDD
VIL(3)
4.0 to 5.5
VSS
0.1VDD
+0.4
VIL(4)
• Port 1
• Ports 71, 72, 73
• P70 port
input/interrupt
Output disable
2.2 to 4.0
VSS
0.2VDD
VIL(5)
Port 87 small signal
Input
Output disable
2.2 to 5.5
VSS
0.25VDD
VIL(6)
Port 70
Watchdog timer
Output disable
2.2 to 5.5
VSS
0.8VDD
-1.0
Input low
voltage
VIL(7)
XT1, XT2, CF1, RES
2.8 to 5.5
VSS
0.25VDD
V
4.5 to 5.5
0.245
200
2.8 to 5.5
0.294
200
Operation
cycle time
(Note 2-1)
tCYC
2.2 to 5.5
0.735
200
µs
4.5 to 5.5
0.1
12
2.8 to 5.5
0.1
10
• CF2 open
• system clock divider :1/1
• external clock DUTY = 50 ± 5%
2.2 to 5.5
0.1
4
4.5 to 5.5
0.2
24.4
2.8 to 5.5
0.2
20
External
system clock
frequency
FEXCF(1)
CF1
• CF2 open
• system clock divider :1/2
2.2 to 5.5
0.2
8
MHz
FmCF(1)
12MHz ceramic resonator
oscillation
See Fig. 1.
4.5 to 5.5
12
FmCF(2)
10MHz ceramic resonator
oscillation
See Fig. 1.
2.8 to 5.5
10
FmCF(3)
4MHz ceramic resonator
oscillation
See Fig. 1.
2.2 to 5.5
4
FmRC
RC oscillation
2.2 to 5.5
0.3
1.0
2.0
FmMRC
CF1, CF2
Frequency variable RC
oscillation source oscillation
2.2 to 5.5
16
MHz
Oscillation
frequency
range
(Note 2-2)
FsX’tal
XT1, XT2
32.768kHz crystal resonator
oscillation
See Fig. 2.
2.2 to 5.5
32.768
kHz
Note 2-1: Oscillation frequency and Operation cycle time (tCYC) rerationship: 1/1divide-3/FmCF, 1/2divide-6/FmCF
Note 2-2: The parts value of oscillation circuit is shown in Table 1 and Table 2.


Podobny numer części - LC877C40C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Podobny opis - LC877C40C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com