Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72137 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC72137
Szczegółowy opis  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72137 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC72137_11 Datasheet HTML 1Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 2Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 3Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 4Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 5Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 6Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 7Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 8Page - Sanyo Semicon Device LC72137_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CMOS IC
Ordering number : ENN5743B
91099TH (OT)/N3098HA (OT)/70398RM (OT) No. 5743-1/22
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PLL Frequency Synthesizer
for Electronic Tuning
LC72137, 72137M
Overview
The LC72137 and LC72137M are high input sensitivity
(FMIN: 10 mVrms at 130 MHz) PLL frequency
synthesizers for 3 V systems. They allow high-
performance AM/FM tuners to be implemented easily.
Features
• High-speed programmable frequency divider
— FMIN: 10 to 160 MHz ..Pulse swallower
(divide-by-two prescaler built in)
— AMIN: 2 to 40 MHz ......Pulse swallower
0.5 to 10 MHz ...Direct division
• IF counter
— IFIN: 0.4 to 12 MHz ......For use as an AM/FM IF
counter
• Reference frequency
— Selectable from one of eight frequencies (crystal
oscillator: 75 kHz)
1, 3, 5, 3.125, 6.25, 12.5, 15, and 25 kHz
• Phase comparator
— Supports dead zone control
— Built-in unlock detection circuit
— Built-in deadlock clear circuit
• Built-in MOS transistor for forming an active low-pass
filter
• I/O ports
— Dedicated output ports: 4
— I/O ports: 2
— Supports clock time base output
• Serial Data I/O
— Supports CCB format communication with the
system controller.
• Operating ranges
— Supply voltage: 2.5 to 3.6 V
— Operating temperature: –20 to +70°C
• Packages
—DIP22S/MFP20
Package Dimensions
unit: mm
3059-DIP22S
unit: mm
3036B-MFP20
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
1
20
10
11
12.6
0.15
1.27
0.35
0.59
SANYO: MFP20
[LC72137M]
21.2
0.95
0.48
1.7
1.78
111
22
12
SANYO: DIP22S
[LC72137]


Podobny numer części - LC72137_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72137M SANYO-LC72137M Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Podobny opis - LC72137_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com