Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC863548C Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC863548C
Szczegółowy opis  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863548C Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC863548C Datasheet HTML 1Page - Sanyo Semicon Device LC863548C Datasheet HTML 2Page - Sanyo Semicon Device LC863548C Datasheet HTML 3Page - Sanyo Semicon Device LC863548C Datasheet HTML 4Page - Sanyo Semicon Device LC863548C Datasheet HTML 5Page - Sanyo Semicon Device LC863548C Datasheet HTML 6Page - Sanyo Semicon Device LC863548C Datasheet HTML 7Page - Sanyo Semicon Device LC863548C Datasheet HTML 8Page - Sanyo Semicon Device LC863548C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
83006 / 52506HKIM No.A0118-1/17
Ver.1.00
LC863548C, LC863540C
LC863532C, LC863528C
LC863524C, LC863520C
LC863516C
Overview
The LC863548C/40C/32C/28C/24C/20C/16C are 8-bit single chip microcontrollers with the following on-chip functional
blocks :
• CPU : Operable at a minimum bus cycle time of 0.424µs
• On-chip ROM capacity
Program ROM : 48K/40K/32K/28K/24K/20K/16K-bytes
CGROM
: 16K-bytes
• On-chip RAM capacity : 640/512-bytes
• OSD RAM : 176 × 9-bits
• On-screen display controller
• Four channels × 6-bit AD Converter
• Three channels × 7-bit PWM
• Two channels × 16-bit timer/counter, 14-bit base timer
• IIC-bus compliant serial interface circuit (Multi-master type)
• ROM correction function
• 13-source 8-vectored interrupt system
• Integrated system clock generator and display clock generator
Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators.
All of the above functions are fabricated on a single chip.
Ordering number : ENA0118A
CMOS IC
48K/40K/32K/28K/24K/20K/16K-byte ROM,
CGROM16K-byte
on-chip 640/512-byte RAM and 176
×9-bit OSD RAM
8-bit 1-chip Microcontroller
Trademarks
IIC is a trademark of Philips Corporation.
Note : This product includes the IIC bus interface circuit. If you intend to use the IIC bus interface, please notify us of this in
advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these components in
an IIC system, provided that the system conforms to the IIC Standard Specification as defined by Philips.
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Podobny numer części - LC863548C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863548B SANYO-LC863548B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results

Podobny opis - LC863548C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com