Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC877917A Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC877917A
Szczegółowy opis  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877917A Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC877917A Datasheet HTML 1Page - Sanyo Semicon Device LC877917A Datasheet HTML 2Page - Sanyo Semicon Device LC877917A Datasheet HTML 3Page - Sanyo Semicon Device LC877917A Datasheet HTML 4Page - Sanyo Semicon Device LC877917A Datasheet HTML 5Page - Sanyo Semicon Device LC877917A Datasheet HTML 6Page - Sanyo Semicon Device LC877917A Datasheet HTML 7Page - Sanyo Semicon Device LC877917A Datasheet HTML 8Page - Sanyo Semicon Device LC877917A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
O0610HKIM 20100914-S00003 No.A1840-1/29
Ver.0.97
LC877917A
Overview
The SANYO LC877917A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 250ns, integrates on a single chip a number of hardware features such as 16K-byte ROM, 512-byte RAM, a LCD
controller/driver, sophisticated 16-bit timer/counter (may be divided into 8-bit timers), a 16-bit timer/counter (may be
divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a prescaler, a calendar function (RTC), a
synchronous SIO interface (with automatic block transmission/reception capabilities), an asynchronous/synchronous SIO
interface, a UART interface (full duplex), a 12-bit/8-bit 7-channel AD converter, high-speed clock counter, a system
clock frequency divider, a power on reset function and a 21-source 10-vector interrupt feature.
Features
ROM
• 16384×8 bits
RAM
512
× 9 bits
Minimum Bus Cycle
• 250ns (4MHz) VDD=2.4V to 3.6V
Note: The bus cycle time here refers to the ROM read speed.
Minimum instruction cycle time
• 750ns (4MHz) VDD=2.4 to 3.6V
Temperature range
• -40°C to +85°C
Ordering number : ENA1840
CMOS IC
16K-byte ROM and 512-byte RAM integrated
8-bit 1-chip Microcontroller
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Podobny numer części - LC877917A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC877917A ONSEMI-LC877917A Datasheet
201Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.97
More results

Podobny opis - LC877917A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com