Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC8784G1PB Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC8784G1PB
Szczegółowy opis  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784G1PB Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LC8784G1PB Datasheet HTML 2Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 3Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 4Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 9Page - Sanyo Semicon Device LC8784G1PB Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-6/29
Absolute Maximum Ratings
at Ta = 25
°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum Supply
voltage
VDD max
VDD1, VDD2,
VDD3, VDD4
VDD1=VDD2=VDD3
=VDD4
-0.3
+6.5
Input voltage
VI(1)
CF1, XT1,
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1, XT2
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
Ports 71 to 73
Ports B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-10
Peak output
current
IOPH(2)
PWM0, PWM1
Per 1 application pin.
-20
IOMH(1)
Ports 0, 1, 2, 3
Ports 71 to 73
Ports B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-7.5
Average
output current
(Note 1-1)
IOMH(2)
PWM0, PWM1
Per 1 application pin.
-15
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-25
ΣIOAH(2)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-25
ΣIOAH(3)
Ports 0
Total of all applicable pins
-25
ΣIOAH(4)
Port 0
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-45
ΣIOAH(5)
Ports 2, 3, B
Total of all applicable pins
-25
ΣIOAH(6)
Ports C
Total of all applicable pins
-25
ΣIOAH(7)
Ports 2, 3, B, C
Total of all applicable pins
-45
ΣIOAH(8)
Ports F
Total of all applicable pins
-25
ΣIOAH(9)
Ports 1, E
Total of all applicable pins
-25
Total output
current
ΣIOAH(10)
Ports 1, E, F
Total of all applicable pins
-45
mA
Note 1-1: Average output current is average of current in 100ms interval.
Continued on next page.


Podobny numer części - LC8784G1PB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Podobny opis - LC8784G1PB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com