Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW64D Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części BDW64D
Szczegółowy opis  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW64D Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDW64D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW64D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDW64/A/B/C/D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW64
-45
BDW64A
-60
BDW64B
-80
BDW64C
-100
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDW64D
IC= -30mA; IB= 0
-120
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -2A; IB= -12mA
B
-2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -6A; IB= -60mA
B
-4.0
V
VBE(on)
Base-Emitter On Voltage
IC= -2A; VCE= -3V
-2.5
V
VECF
C-E Diode Forward Voltage
IF= -6A
-3.5
V
BDW64
VCE= -30V; IB= 0
B
BDW64A
VCE= -30V; IB= 0
B
BDW64B
VCE= -40V; IB= 0
B
BDW64C
VCE= -50V; IB= 0
B
ICEO
Collector Cutoff Current
BDW64D
VCE= -60V; IB= 0
B
-0.5
mA
BDW64
VCB= -45V; IE= 0
VCB= -45V; IE= 0; TJ= 150℃
-0.2
-5.0
BDW64A
VCB= -60V; IE= 0
VCB= -60V; IE= 0; TJ= 150℃
-0.2
-5.0
BDW64B
VCB= -80V; IE= 0
VCB= -80V; IE= 0; TJ= 150℃
-0.2
-5.0
BDW64C
VCB= -100V; IE= 0
VCB= -100V; IE= 0; TJ= 150℃
-0.2
-5.0
ICBO
Collector Cutoff Current
BDW64D
VCB= -120V; IE= 0
VCB= -120V; IE= 0; TJ= 150℃
-0.2
-5.0
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-2.0
mA
hFE-1
DC Current Gain
IC= -2A; VCE= -3V
750
20000
hFE-2
DC Current Gain
IC= -6A; VCE= -3V
100
Switching times
ton
Turn-on Time
1.0
μs
toff
Turn-off Time
IC= -3A; IB1= -IB2= -12mA;
VBE(off)= -4.5V, RL=10Ω
5.0
μs
isc Website:www.iscsemi.cn
2


Podobny numer części - BDW64D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW64D POINN-BDW64D Datasheet
146Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW64D BOURNS-BDW64D Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW64D NJSEMI-BDW64D Datasheet
99Kb / 2P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW64D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com