Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA4306 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części SMA4306
Szczegółowy opis  Oscillator IC for Laser Diode Noise Suppression Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA4306 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  SMA4306 Datasheet HTML 1Page - Sanyo Semicon Device SMA4306 Datasheet HTML 2Page - Sanyo Semicon Device SMA4306 Datasheet HTML 3Page - Sanyo Semicon Device SMA4306 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMA4306
No. A1771-2/4
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
3
5
5.5
V
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
VCC=5V, RL=50Ω, fosc=400MHz
29
34
39
mA
Oscillating Power
Posc
VCC=5V, RL=50Ω, fosc=400MHz
4.5
6.4
8.5
dBm
Torerance of Oscillating Frequency
fmod
VCC=5V, RL=50Ω,
Specified Test Circuit (L=47nH, C=10pF)
--10
10
%
Note 1 : Oscillation frequency mainly depends on the external LC (The LC is attached additionally to the LC terminal in series).
Note 2 : Recommended oscillation frequency 350MHz to 450MHz .
Test Circuit
VCC
1000pF
10pF
47nH
47pF
SMA4306
RF
OUTPUT
IT15713
Supply Voltage, VCC -- V
ICC -- VCC
Posc -- VCC
Supply Voltage, VCC -- V
IT16331
2.0
0
5
10
15
20
25
35
45
30
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
L=47nH
C=10pF
IT16332
2.0
--6
--4
--2
0
2
6
10
4
8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
L=47nH
C=10pF


Podobny numer części - SMA4306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SMA4306 SANYO-SMA4306 Datasheet
473Kb / 6P
   Oscillator IC for Laser Diode Noise Suppression Applications
logo
ON Semiconductor
SMA4306 ONSEMI-SMA4306 Datasheet
366Kb / 6P
   MMIC Oscillator
August, 2013
SMA4306-TL-H ONSEMI-SMA4306-TL-H Datasheet
370Kb / 7P
   Oscillator, 5V, 6.4dBm@400MHz, SCH6
August, 2013
logo
Sanyo Semicon Device
SMA4306 SANYO-SMA4306_12 Datasheet
473Kb / 6P
   Oscillator IC for Laser Diode Noise Suppression Applications
More results

Podobny opis - SMA4306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SMA4306 SANYO-SMA4306_12 Datasheet
473Kb / 6P
   Oscillator IC for Laser Diode Noise Suppression Applications
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
   Oscillator IC for Laser Diode Noise Suppression Applications
LA9450CL SANYO-LA9450CL Datasheet
58Kb / 5P
   Bi-CMOS IC For Laser Diode For Laser Diode
logo
Elantec Semiconductor
EL6259C ELANTEC-EL6259C Datasheet
42Kb / 2P
   Low Noise 4-Channel Laser Diode Driver Oscillator
logo
Sipex Corporation
SP8110 SIPEX-SP8110 Datasheet
109Kb / 3P
   Two-Channel Modulation IC for Laser Diode
logo
Toshiba Semiconductor
TA8573FN TOSHIBA-TA8573FN Datasheet
232Kb / 7P
   HIGH-FREQUENCY MODULATION IC FOR LASER DIODE
logo
TDK Electronics
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
   Noise suppression filter For MF / HF band noise suppression
logo
Vishay Siliconix
TR023 VISHAY-TR023 Datasheet
78Kb / 3P
   High Frequency and Noise Suppression Applications
Revision: 28-Apr-16
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Vishay Siliconix
IG120 VISHAY-IG120 Datasheet
73Kb / 3P
   Current Chokes, Axial Leads Noise Suppression Applications
Revision: 28-Apr-16
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com