Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT17-06W Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części BAT17-06W
Szczegółowy opis  Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT17-06W Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  BAT17-06W Datasheet HTML 1Page - Siemens Semiconductor Group BAT17-06W Datasheet HTML 2Page - Siemens Semiconductor Group BAT17-06W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT 17W
Semiconductor Group
Sep-04-1998
3
Forward current
IF = f (VF)
TA = parameter
0.0
0.2
0.4
0.6
V
1.0
VF
-2
10
-1
10
0
10
1
10
2
10
mA
TA = 25°C
TA = 85°C
TA = 125°C
Diode capacitance
CT = f (VR)
f = 1MHz
0.0 0.5
1.0 1.5
2.0 2.5 3.0
3.5 4.0
V
5.0
VR
0.1
0.2
0.3
0.4
0.5
pF
0.7
Leakage current
IR = f (VR)
TA = Parameter
0.0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0
V
5.0
VR
-3
10
-2
10
-1
10
0
10
1
10
2
10
uA
25°C
85°C
125°C
Semiconductor Group
3
1998-11-01


Podobny numer części - BAT17-06W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BAT17-06W INFINEON-BAT17-06W Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT17-06W KEXIN-BAT17-06W Datasheet
47Kb / 1P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT17-06W INFINEON-BAT17-06W Datasheet
104Kb / 9P
   Silicon Schottky Diode
2007-04-19
BAT17-06W INFINEON-BAT17-06W Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
BAT17-06W INFINEON-BAT17-06W Datasheet
861Kb / 9P
   Silicon Schottky Diode
2011-06-15
More results

Podobny opis - BAT17-06W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT68W SIEMENS-BAT68W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
   VHF/UHF Mixer, Local Oscillator Applications???
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com