Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1035X Arkusz danych(PDF) 8 Page - Vishay Siliconix

Numer części SI1035X
Szczegółowy opis  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X Arkusz danych(HTML) 8 Page - Vishay Siliconix

Back Button SI1035X_10 Datasheet HTML 2Page - Vishay Siliconix SI1035X_10 Datasheet HTML 3Page - Vishay Siliconix SI1035X_10 Datasheet HTML 4Page - Vishay Siliconix SI1035X_10 Datasheet HTML 5Page - Vishay Siliconix SI1035X_10 Datasheet HTML 6Page - Vishay Siliconix SI1035X_10 Datasheet HTML 7Page - Vishay Siliconix SI1035X_10 Datasheet HTML 8Page - Vishay Siliconix SI1035X_10 Datasheet HTML 9Page - Vishay Siliconix SI1035X_10 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NOTES:
1.
Dimensions in millimeters.
2.
Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash or
protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3.
Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4.
Datums A, B and D to be determined 0.10 mm from the lead tip.
5.
Terminal numbers are shown for reference only.
6.
These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ccc
A–B
D
2X
e
B
6X b
C
aaa
2X
D
E/2
E
C
bbb
2X
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
4
3
2
5
6
Package Information
Vishay Siliconix
Document Number: 71612
25-Jun-01
www.vishay.com
1
SC89: 6 LEADS (SOT 563F)
MILLIMETERS
Tolerances
Dim
Min
Max
Note
Symbol
Of Form And
Position
A
0.56
0.60
aaa
0.10
A1
0.00
0.10
bbb
0.10
b
0.15
0.30
ccc
0.10
c
0.10
0.18
D
1.50
1.70
2, 3
E
1.55
1.70
E1
1.20 BSC
2, 3
e
0.50 BSC
e1
1.00 BSC
L
0.35 BSC
L1
0.20 BSC
ECN: E-00499—Rev. B, 02-Jul-01
DWG: 5880


Podobny numer części - SI1035X_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1035X_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com