Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1551DL Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1551DL
Szczegółowy opis  Complementary 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1551DL Datasheet HTML 1Page - Vishay Siliconix SI1551DL Datasheet HTML 2Page - Vishay Siliconix SI1551DL Datasheet HTML 3Page - Vishay Siliconix SI1551DL Datasheet HTML 4Page - Vishay Siliconix SI1551DL Datasheet HTML 5Page - Vishay Siliconix SI1551DL Datasheet HTML 6Page - Vishay Siliconix SI1551DL Datasheet HTML 7Page - Vishay Siliconix SI1551DL Datasheet HTML 8Page - Vishay Siliconix SI1551DL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 71255
S10-0935-Rev. D, 19-Apr-10
Vishay Siliconix
Si1551DL
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 85 °C
N-Ch
5
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
0.6
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 1.0
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 0.29 A
N-Ch
1.55
1.9
Ω
VGS = - 4.5 V, ID = - 0.41 A
P-Ch
0.850
0.995
VGS = 2.7 V, ID = 0.1 A
N-Ch
2.8
3.7
VGS = - 2.7 V, ID = - 0.25 A
P-Ch
1.23
1.600
VGS = 2.5 V, ID = 0.1 A
N-Ch
3.0
4.2
VGS = - 2.5 V, ID = - 0.25 A
P-Ch
1.4
1.800
Forward Transconductancea
gfs
VDS = 10 V, ID = 0.29 A
N-Ch
0.3
S
VDS = - 10 V, ID = - 0.41 A
P-Ch
0.8
Diode Forward Voltagea
VSD
IS = 0.23 A, VGS = 0 V
N-Ch
0.8
1.2
V
IS = - 0.23 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 0.29 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 0.41 A
N-Ch
0.72
1.5
nC
P-Ch
0.52
1.8
Gate-Source Charge
Qgs
N-Ch
0.22
P-Ch
0.11
Gate-Drain Charge
Qgd
N-Ch
0.13
P-Ch
0.14
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 20 Ω
ID ≅ 0.5 A, VGEN = 4.5 V, Rg = 6 Ω
P-Channel
VDD = - 10 V, RL = 20 Ω
ID ≅ - 0.5 A, VGEN = - 4.5 V, Rg = 6 Ω
N-Ch
23
40
ns
P-Ch
7.5
15
Rise Time
tr
N-Ch
30
60
P-Ch
20
40
Turn-Off Delay Time
td(off)
N-Ch
10
20
P-Ch
8.5
17
Fall Time
tf
N-Ch
15
30
P-Ch
12
24
Source-Drain Reverse Recovery Time
trr
IF = 0.23 A, dI/dt = 100 A/µs
N-Ch
20
40
IF = - 0.23 A, dI/dt = 100 A/µs
P-Ch
25
40


Podobny numer części - SI1551DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI1551DL VISHAY-SI1551DL Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL Datasheet
133Kb / 8P
   Complementary 20 V (D-S) MOSFET
01-Jan-2022
SI1551DL-T1 VISHAY-SI1551DL-T1 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
More results

Podobny opis - SI1551DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com