Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3850ADV Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI3850ADV
Szczegółowy opis  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3850ADV Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI3850ADV Datasheet HTML 1Page - Vishay Siliconix SI3850ADV Datasheet HTML 2Page - Vishay Siliconix SI3850ADV Datasheet HTML 3Page - Vishay Siliconix SI3850ADV Datasheet HTML 4Page - Vishay Siliconix SI3850ADV Datasheet HTML 5Page - Vishay Siliconix SI3850ADV Datasheet HTML 6Page - Vishay Siliconix SI3850ADV Datasheet HTML 7Page - Vishay Siliconix SI3850ADV Datasheet HTML 8Page - Vishay Siliconix SI3850ADV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73789
S09-2110-Rev. B, 12-Oct-09
Vishay Siliconix
Si3850ADV
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 70 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 70 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 4.5 V
N-Ch
3.0
A
VDS = - 5 V, VGS = - 4.5 V
P-Ch
- 1.5
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 0.5 A
N-Ch
0.240
0.300
Ω
VGS = - 4.5 V, ID = - 0.5 A
P-Ch
0.510
0.640
VGS = 3.0 V, ID = 0.5 A
N-Ch
0.325
0.410
VGS = - 3.0 V, ID = - 0.5 A
P-Ch
0.780
0.980
Forward Transconductanceb
gfs
VDS = 10 V, ID = 1 A
N-Ch
1.8
S
VDS = - 10 V, ID = - 1 A
P-Ch
1.1
Diode Forward Voltageb
VSD
IS = 0.9 A, VGS = 0 V
N-Ch
0.87
1.2
V
IS = - 0.8 A, VGS = 0 V
P-Ch
- 1.0
- 1.3
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 1 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 1 A
N-Ch
0.95
1.4
nC
P-Ch
1.10
1.7
Gate-Source Charge
Qgs
N-Ch
0.22
P-Ch
0.28
Gate-Drain Charge
Qgd
N-Ch
0.24
P-Ch
0.26
Gate Resistance
Rg
N-Ch
3.5
5.3
Ω
P-Ch
10.5
16
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 10 Ω
ID ≅ 0.9 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 10 V, RL = 10 Ω
ID ≅ - 0.9 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
8
14
ns
P-Ch
13
20
Rise Time
tr
N-Ch
16
25
P-Ch
34
50
Turn-Off Delay Time
td(off)
N-Ch
20
30
P-Ch
18
30
Fall Time
tf
N-Ch
9
15
P-Ch
18
30
Body Diode Reverse Recovery Tme
trr
IF = 0.9 A, dI/dt = 100 A/µs
N-Ch
20
30
IF = - 0.9 A, dI/dt = 100 A/µs
P-Ch
25
40
Body Diode Reverse Recovery
Charge
Qrr
IF = 0.9 A, dI/dt = 100 A/µs
N-Ch
9
15
nC
IF = - 0.9 A, dI/dt = 100 A/µs
P-Ch
9
15


Podobny numer części - SI3850ADV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
SI3850ADV VISHAY-SI3850ADV Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI3850ADV-T1-E3 VISHAY-SI3850ADV-T1-E3 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
More results

Podobny opis - SI3850ADV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com