Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3850ADV-T1-E3 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SI3850ADV-T1-E3
Szczegółowy opis  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3850ADV-T1-E3 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SI3850ADV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI3850ADV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73789
S09-2110-Rev. B, 12-Oct-09
www.vishay.com
3
Vishay Siliconix
Si3850ADV
N-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.7
1.4
2.1
2.8
3.5
VDS - Drain-to-Source Voltage (V)
VGS = 5.0 V thru 4 V
2 V
3 V
2.5 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID - Drain Current (A)
VGS = 2.5 V
VGS = 3 V
VGS = 4.5 V
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
Qg - Total Gate Charge (nC)
ID = 1 A
VDS = 10 V
VDS = 5 V
VGS = 15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0.0
0.6
1.2
1.8
2.4
3.0
01
2
3
4
25 °C
- 55 °C
TC = 125 °C
VDS - Drain-to-Source Voltage (V)
0
22
44
66
88
110
04
8
12
16
20
Crss
Coss
Ciss
TJ - Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
ID = 1.2 A
VGS = 3 V
VGS = 4.5 V


Podobny numer części - SI3850ADV-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3850ADV-T1-E3 VISHAY-SI3850ADV-T1-E3 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
More results

Podobny opis - SI3850ADV-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com