Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4931DY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4931DY
Szczegółowy opis  Dual P-Channel 12-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4931DY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4931DY_05 Datasheet HTML 1Page - Vishay Siliconix SI4931DY_05 Datasheet HTML 2Page - Vishay Siliconix SI4931DY_05 Datasheet HTML 3Page - Vishay Siliconix SI4931DY_05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model Si4931DY
Document Number: 72553
S-52446
Rev. B, 28-Nov-05
Dual P-Channel 12-V (D-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Podobny numer części - SI4931DY_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4931DY-E3 VISHAY-SI4931DY-E3 Datasheet
70Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4931DY-T1 VISHAY-SI4931DY-T1 Datasheet
70Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4931DY-T1-E3 VISHAY-SI4931DY-T1-E3 Datasheet
70Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
VBsemi Electronics Co.,...
SI4931DY-T1-E3 VBSEMI-SI4931DY-T1-E3 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SI4931DY VISHAY-SI4931DY_V01 Datasheet
608Kb / 8P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI4931DY_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com