Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4946BEY Arkusz danych(PDF) 8 Page - Vishay Siliconix

Numer części SI4946BEY
Szczegółowy opis  Dual N-Channel 60-V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY Arkusz danych(HTML) 8 Page - Vishay Siliconix

Back Button SI4946BEY_09 Datasheet HTML 2Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 3Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 4Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 5Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 6Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 7Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 8Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 9Page - Vishay Siliconix SI4946BEY_09 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VISHAY SILICONIX
TrenchFET® Power MOSFETs
Application Note 808
Mounting LITTLE FOOT®, SO-8 Power MOSFETs
Document Number: 70740
www.vishay.com
Revision: 18-Jun-07
1
Wharton McDaniel
Surface-mounted LITTLE FOOT power MOSFETs use
integrated circuit and small-signal packages which have
been been modified to provide the heat transfer capabilities
required by power devices. Leadframe materials and
design, molding compounds, and die attach materials have
been changed, while the footprint of the packages remains
the same.
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/ppg?72286), for the
basis of the pad design for a LITTLE FOOT SO-8 power
MOSFET. In converting this recommended minimum pad
to the pad set for a power MOSFET, designers must make
two connections: an electrical connection and a thermal
connection, to draw heat away from the package.
In the case of the SO-8 package, the thermal connections
are very simple. Pins 5, 6, 7, and 8 are the drain of the
MOSFET for a single MOSFET package and are connected
together. In a dual package, pins 5 and 6 are one drain, and
pins 7 and 8 are the other drain. For a small-signal device or
integrated circuit, typical connections would be made with
traces that are 0.020 inches wide. Since the drain pins serve
the additional function of providing the thermal connection
to the package, this level of connection is inadequate. The
total cross section of the copper may be adequate to carry
the current required for the application, but it presents a
large thermal impedance. Also, heat spreads in a circular
fashion from the heat source. In this case the drain pins are
the heat sources when looking at heat spread on the PC
board.
Figure 1. Single MOSFET SO-8 Pad
Pattern With Copper Spreading
Figure 2. Dual MOSFET SO-8 Pad Pattern
With Copper Spreading
The
minimum
recommended
pad
patterns
for
the
single-MOSFET SO-8 with copper spreading (Figure 1) and
dual-MOSFET SO-8 with copper spreading (Figure 2) show
the starting point for utilizing the board area available for the
heat-spreading copper. To create this pattern, a plane of
copper overlies the drain pins. The copper plane connects
the drain pins electrically, but more importantly provides
planar copper to draw heat from the drain leads and start the
process of spreading the heat so it can be dissipated into the
ambient air. These patterns use all the available area
underneath the body for this purpose.
Since surface-mounted packages are small, and reflow
soldering is the most common way in which these are
affixed to the PC board, “thermal” connections from the
planar copper to the pads have not been used. Even if
additional planar copper area is used, there should be no
problems in the soldering process. The actual solder
connections are defined by the solder mask openings. By
combining the basic footprint with the copper plane on the
drain pins, the solder mask generation occurs automatically.
A final item to keep in mind is the width of the power traces.
The absolute minimum power trace width must be
determined by the amount of current it has to carry. For
thermal reasons, this minimum width should be at least
0.020 inches. The use of wide traces connected to the drain
plane provides a low impedance path for heat to move away
from the device.
0.027
0.69
0.078
1.98
0.2
5.07
0.196
5.0
0.288
7.3
0.050
1.27
0.027
0.69
0.078
1.98
0.2
5.07
0.088
2.25
0.288
7.3
0.050
1.27
0.088
2.25


Podobny numer części - SI4946BEY_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI4946BEY-T1-E3 VBSEMI-SI4946BEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
TECH PUBLIC Electronics...
SI4946BEY-T1-GE3 TECHPUBLIC-SI4946BEY-T1-GE3 Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY_V01 Datasheet
193Kb / 9P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Podobny opis - SI4946BEY_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com