Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4946BEY-T1-E3 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI4946BEY-T1-E3
Szczegółowy opis  Dual N-Channel 60-V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY-T1-E3 Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button SI4946BEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI4946BEY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73411
S09-2434-Rev. C, 16-Nov-09
Vishay Siliconix
Si4946BEY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73411.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
0.05
Single Pulse


Podobny numer części - SI4946BEY-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI4946BEY-T1-E3 VBSEMI-SI4946BEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Podobny opis - SI4946BEY-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com