Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4946BEY-T1-GE3 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SI4946BEY-T1-GE3
Szczegółowy opis  Dual N-Channel 60-V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY-T1-GE3 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SI4946BEY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 73411
S09-2434-Rev. C, 16-Nov-09
www.vishay.com
5
Vishay Siliconix
Si4946BEY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 175 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Power, Junction-to-Case
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Single Pulse Avalanche Capability
100
0.000001
0.001
1
10
0.0001
TA - Time In Avalanche (s)
T
A =
L· I
D
BV - V
DD
0.00001


Podobny numer części - SI4946BEY-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
SI4946BEY-T1-GE3 TECHPUBLIC-SI4946BEY-T1-GE3 Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
More results

Podobny opis - SI4946BEY-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com