Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5424DC Arkusz danych(PDF) 9 Page - Vishay Siliconix

Numer części SI5424DC
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5424DC Arkusz danych(HTML) 9 Page - Vishay Siliconix

Back Button SI5424DC_08 Datasheet HTML 3Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 4Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 5Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 6Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 7Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 8Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 9Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 10Page - Vishay Siliconix SI5424DC_08 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN811
Vishay Siliconix
www.vishay.com
2
Document Number: 71126
12-Dec-03
Front of Board
FIGURE 3.
Back of Board
vishay.com
ChipFETr
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the 1206-8 ChipFET measured as
junction-to-foot thermal resistance is 15_C/W typical, 20_C/W
maximum for the single device. The “foot” is the drain lead of
the device as it connects with the body. This is identical to the
SO-8 package RQjf performance, a feat made possible by
shortening the leads to the point where they become only a
small part of the total footprint area.
Junction-to-Ambient Thermal Resistance
(dependent on pcb size)
The typical RQja for the single-channel 1206-8 ChipFET is
80_C/W steady state, compared with 68_C/W for the SO-8.
Maximum ratings are 95_C/W for the 1206-8 versus 80_C/W
for the SO-8.
Testing
To aid comparison further, Figure 4 illustrates ChipFET 1206-8
thermal performance on two different board sizes and three
different pad patterns. The results display the thermal
performance out to steady state and produce a graphic
account of how an increased copper pad area for the drain
connections can enhance thermal performance. The
measured steady state values of RQja for the single 1206-8
ChipFET are :
1) Minimum recommended pad pattern (see
Figure 2) on the evaluation board size of
0.5 in x 0.6 in.
156_C/W
2) The evaluation board with the pad pattern
described on Figure 3.
111_C/W
3) Industry standard 1” square pcb with
maximum copper both sides.
78_C/W
The results show that a major reduction can be made in the
thermal resistance by increasing the copper drain area. In this
example, a 45_C/W reduction was achieved without having to
increase the size of the board. If increasing board size is an
option, a further 33_C/W reduction was obtained by
maximizing the copper from the drain on the larger 1” square
pcb.
Time (Secs)
FIGURE 4. Single 1206−8 ChipFET
0
1
160
40
80
100
1000
120
10
10-1
10-2
10-3
10-4
10-5
1” Square PCB
Single EVB
Min. Footprint
SUMMARY
The thermal results for the single-channel 1206-8 ChipFET
package display similar power dissipation performance to the
SO-8 with a footprint reduction of 80%. Careful design of the
package has allowed for this performance to be achieved. The
short leads allow the die size to be maximized and thermal
resistance to be reduced within the confines of the TSOP-6
body size.
ASSOCIATED DOCUMENT
1206-8 ChipFET Dual Thermal performance, AN812
(http://www.vishay.com/doc?71127).


Podobny numer części - SI5424DC_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5424DC-T1-E3 VISHAY-SI5424DC-T1-E3 Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI5424DC VISHAY-SI5424DC_V01 Datasheet
239Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI5424DC_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com