Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI6968BEDQ Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI6968BEDQ
Szczegółowy opis  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button SI6968BEDQ_08 Datasheet HTML 2Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 9Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
E
C
R 0.10
(4 Corners)
B
R 0.10
Corners)
D
L
L1
oK1
e
Package Information
Vishay Siliconix
Document Number: 71201
06-Jul-01
www.vishay.com
1
TSSOP:
8LEAD
JEDEC Part Number: MO-153
MILLIMETERS
Dim
Min
Nom
Max
A
1.20
A1
0.05
0.10
0.15
A2
0.80
1.00
1.05
B
0.19
0.28
0.30
C
0.127
D
2.90
3.00
3.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65
L
0.45
0.60
0.75
L1
0.90
1.00
1.10
Y
0.10
oK1
0
_
3
_
6
_
ECN: S-03946—Rev. G, 09-Jul-01
DWG: 5844


Podobny numer części - SI6968BEDQ_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
   R-C Thermal Model Parameters
Revision: 11-Jul-07
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

Podobny opis - SI6968BEDQ_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com