Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI6968BEDQ Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części SI6968BEDQ
Szczegółowy opis  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ Arkusz danych(HTML) 7 Page - Vishay Siliconix

Back Button SI6968BEDQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 9Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 10Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN1001
Vishay Siliconix
Document Number: 70571
12-Dec-03
www.vishay.com
1
LITTLE FOOTR TSSOP-8
The Next Step in Surface-Mount Power MOSFETs
Wharton McDaniel and David Oldham
When Vishay Siliconix introduced its LITTLE FOOT
MOSFETs, it was the first time that power MOSFETs had been
offered in a true surface-mount package, the SOIC. LITTLE
FOOT immediately found a home in new small form factor disk
drives, computers, and cellular phones.
The new LITTLE FOOT TSSOP-8 power MOSFETs are the
natural evolutionary response to the continuing demands of
many markets for smaller and smaller packages. LITTLE
FOOT TSSOP-8 MOSFETs have a smaller footprint and a
lower profile than LITTLE FOOT SOICs, while maintaining low
rDS(on) and high thermal performance. Vishay Siliconix has
accomplished this by putting one or two high-density MOSFET
die in a standard 8-pin TSSOP package mounted on a custom
leadframe.
THE TSSOP-8 PACKAGE
LITTLE FOOT TSSOP-8 power MOSFETs require
approximately half the PC board area of an equivalent LITTLE
FOOT device (Figure 1). In addition to the reduction in board
area, the package height has been reduced to 1.1 mm.
Top View
Side View
Figure 1.
An TSSOP-8 Package Next to a SOIC-8 Package
with Views from Both Top and Side
This is the low profile demanded by applications such as
PCMCIA cards.
It reduces the power package to the same height as many
resistors and capacitors in 0805 and 0605 sizes. It also allows
placement on the “passive” side of the PC board.
The standard pinouts of the LITTLE FOOT TSSOP-8
packages have been changed from the standard established
by LITTLE FOOT. This change minimizes the contribution of
interconnection resistance to rDS(on) and maximizes the
transfer of heat out of the package.
Figure 2 shows the pinouts for a single-die TSSOP. Notice that
both sides of the package have Source and Drain
connections, whereas LITTLE FOOT has the Source and Gate
connections on one side of the package, and the Drain
connections are on the opposite side.
Figure 2.
Pinouts for Single Die TSSOP
Drain
Source
Source
Gate
Source
Source
Drain
Drain
Figure 3 shows the standard pinouts for a dual-die TSSOP-8.
In this case, the connections for each individual MOSFET
occupy one side.
Figure 3.
Pinouts for Dual-Die TSSOP
Drain 1
Source 1
Source 1
Gate 1
Source 2
Source 2
Drain 2
Gate 2


Podobny numer części - SI6968BEDQ_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
   R-C Thermal Model Parameters
Revision: 11-Jul-07
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

Podobny opis - SI6968BEDQ_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com