Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7106DN Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI7106DN
Szczegółowy opis  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7106DN Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI7106DN Datasheet HTML 1Page - Vishay Siliconix SI7106DN Datasheet HTML 2Page - Vishay Siliconix SI7106DN Datasheet HTML 3Page - Vishay Siliconix SI7106DN Datasheet HTML 4Page - Vishay Siliconix SI7106DN Datasheet HTML 5Page - Vishay Siliconix SI7106DN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si7106DN
Document Number: 73142
S-81529-Rev. E, 30-Jun-08
www.vishay.com
1
N-Channel 20-V (D-S) Fast Switching MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFET
New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
PWM Optimized
100 % Rg Tested
APPLICATIONS
Synchronous Rectification
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
20
0.0062 at VGS = 4.5 V
19.5
17.5 nC
0.0098 at VGS = 2.5 V
15.5
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7106DN-T1-E3 (Lead (Pb)-free)
Si7106DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
19.5
12.5
A
TA = 70 °C
15.6
10.0
Pulsed Drain Current
IDM
60
Continuous Source Current (Diode Conduction)a
IS
3.2
1.3
Single Avalanche Current
L = 0 1 mH
IAS
30
Single Avalanche Energy
EAS
45
mJ
Maximum Power Dissipationa
TA = 25 °C
PD
3.8
1.5
W
TA = 70 °C
2.0
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
24
33
°C/W
Steady State
65
81
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
RoHS
COMPLIANT


Podobny numer części - SI7106DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
More results

Podobny opis - SI7106DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com