Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7164DP Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7164DP
Szczegółowy opis  N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7164DP Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7164DP Datasheet HTML 1Page - Vishay Siliconix SI7164DP Datasheet HTML 2Page - Vishay Siliconix SI7164DP Datasheet HTML 3Page - Vishay Siliconix SI7164DP Datasheet HTML 4Page - Vishay Siliconix SI7164DP Datasheet HTML 5Page - Vishay Siliconix SI7164DP Datasheet HTML 6Page - Vishay Siliconix SI7164DP Datasheet HTML 7Page - Vishay Siliconix SI7164DP Datasheet HTML 8Page - Vishay Siliconix SI7164DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68738
S-81581-Rev. A, 07-Jul-08
Vishay Siliconix
Si7164DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
66
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 10
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
2.5
4.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 10 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.005
0.00625
Ω
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
30
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
2830
pF
Output Capacitance
Coss
425
Reverse Transfer Capacitance
Crss
150
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 10 A
49.5
75
nC
Gate-Source Charge
Qgs
15.1
Gate-Drain Charge
Qgd
12.2
Gate Resistance
Rg
f = 1 MHz
0.4
1.2
2.4
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 3 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
21
40
ns
Rise Time
tr
816
Turn-Off Delay Time
td(off)
30
55
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 3 Ω
ID ≅ 10 A, VGEN = 8 V, Rg = 6 Ω
23
45
Rise Time
tr
11
22
Turn-Off Delay Time
td(off)
40
70
Fall Time
tf
11
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
80
Body Diode Voltage
VSD
IS = 4 A
0.75
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
41
80
ns
Body Diode Reverse Recovery Charge
Qrr
64
130
nC
Reverse Recovery Fall Time
ta
27
ns
Reverse Recovery Rise Time
tb
14


Podobny numer części - SI7164DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Telefunken
SI7164DP TFUNK-SI7164DP Datasheet
313Kb / 13P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7164DP VISHAY-SI7164DP_V01 Datasheet
314Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7164DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com