Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7236DP Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7236DP
Szczegółowy opis  Dual N-Channel 20-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7236DP Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7236DP Datasheet HTML 1Page - Vishay Siliconix SI7236DP Datasheet HTML 2Page - Vishay Siliconix SI7236DP Datasheet HTML 3Page - Vishay Siliconix SI7236DP Datasheet HTML 4Page - Vishay Siliconix SI7236DP Datasheet HTML 5Page - Vishay Siliconix SI7236DP Datasheet HTML 6Page - Vishay Siliconix SI7236DP Datasheet HTML 7Page - Vishay Siliconix SI7236DP Datasheet HTML 8Page - Vishay Siliconix SI7236DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 70359
S09-0222-Rev. B, 09-Feb-09
Vishay Siliconix
Si7236DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
19
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 20.7 A
0.042
0.0052
Ω
VGS = 2.5 V, ID = 17.9 A
0.0056
0.007
Forward Transconductancea
gfs
VDS = 10 V, ID = 20.7 A
120
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
4000
pF
Output Capacitance
Coss
650
Reverse Transfer Capacitance
Crss
300
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 20 A
68
105
nC
VDS = 10 V, VGS = 4.5 V, ID = 20 A
31
47
Gate-Source Charge
Qgs
7.5
Gate-Drain Charge
Qgd
5
Gate Resistance
Rg
f = 1 MHz
3.5
Ω
Turn-on Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
30
45
ns
Rise Time
tr
100
150
Turn-Off Delay Time
td(off)
80
120
Fall Time
tf
22
35
Turn-on Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
60
90
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Current
ISM
80
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
40
80ns
Body Diode Reverse Recovery Charge
Qrr
30
60
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
21


Podobny numer części - SI7236DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7236DP VISHAY-SI7236DP Datasheet
388Kb / 13P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI7236DP VISHAY-SI7236DP_V01 Datasheet
388Kb / 13P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Podobny opis - SI7236DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com