Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7463DP Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7463DP
Szczegółowy opis  P-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7463DP Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7463DP Datasheet HTML 1Page - Vishay Siliconix SI7463DP Datasheet HTML 2Page - Vishay Siliconix SI7463DP Datasheet HTML 3Page - Vishay Siliconix SI7463DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Vishay Siliconix
SPICE Device Model Si7463DP
www.vishay.com
Document Number: 72546
S-52521
Rev. B, 12-Dec-05
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
1.8
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −10 V
662
A
VGS = −10 V, ID = −18.6 A
0.0075
0.0075
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −15 A
0.0095
0.011
Forward Transconductance
a
gfs
VDS = −15 V, ID = −18.6 A
66
50
S
Diode Forward Voltage
a
VSD
IS = −4.5 A, VGS = 0 V
−0.84
−0.80
V
Dynamic
b
Total Gate Charge
Qg
102
121
Gate-Source Charge
Qgs
19.2
19.2
Gate-Drain Charge
Qgd
VDS = −15 V, VGS = −10 V, ID = −18.6 A
30.3
30.3
nC
Turn-On Delay Time
td(on)
30
20
Rise Time
tr
28
25
Turn-Off Delay Time
td(off)
192
200
Fall Time
tf
VDD = −20 V, RL = 20 Ω
ID ≅ −1 A, VGEN = −10 V, RG = 6 Ω
75
100
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


Podobny numer części - SI7463DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI7463DP FAIRCHILD-SI7463DP Datasheet
73Kb / 5P
   P-Channel 40-V (D-S) MOSFET
SI7463DP-T1-E3 FAIRCHILD-SI7463DP-T1-E3 Datasheet
73Kb / 5P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7463DP VISHAY-SI7463DP_V01 Datasheet
315Kb / 12P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7463DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com