Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7464DP Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7464DP
Szczegółowy opis  N-Channel 6-V (D-S) Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7464DP Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7464DP_06 Datasheet HTML 1Page - Vishay Siliconix SI7464DP_06 Datasheet HTML 2Page - Vishay Siliconix SI7464DP_06 Datasheet HTML 3Page - Vishay Siliconix SI7464DP_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7464DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.9
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
26
A
VGS = 10 V, ID = 2.8 A
0.192
0.195
Drain-Source On-State Resistance
a
rDS(on)
VGS = 6 V, ID = 2.7 A
0.199
0.210
Forward Transconductance
a
gfs
VDS = 15 V, ID = 2.8 A
6.1
8
S
Diode Forward Voltage
a
VSD
IS = 3.5 A, VGS = 0 V
0.74
0.8
V
Dynamic
b
Total Gate Charge
Qg
13
12
Gate-Source Charge
Qgs
2.5
2.5
Gate-Drain Charge
Qgd
VDS = 100 V, VGS = 10 V, ID = 2.8 A
3.8
3.8
nC
Turn-On Delay Time
td(on)
14
10
Rise Time
tr
12
12
Turn-Off Delay Time
td(off)
8
15
Fall Time
tf
VDD = 100 V, RL = 100 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
10
15
Source-Drain Reverse Recovery Time
trr
IF = 3.5 A, di/dt = 100 A/µs
53
60
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 70326
S-60245
Rev. B, 20-Feb-06


Podobny numer części - SI7464DP_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7464DP VISHAY-SI7464DP_V01 Datasheet
368Kb / 12P
   N-Channel 200 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Podobny opis - SI7464DP_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7464DP VISHAY-SI7464DP Datasheet
182Kb / 3P
   N-Channel 6-V (D-S) Fast Switching MOSFET
25-May-04
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SISH116DN VISHAY-SISH116DN Datasheet
189Kb / 8P
   N-Channel 40 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com