Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21010_1112 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL21010_1112
Szczegółowy opis  Micropower Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010_1112 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL21010_1112 Datasheet HTML 1Page - Intersil Corporation ISL21010_1112 Datasheet HTML 2Page - Intersil Corporation ISL21010_1112 Datasheet HTML 3Page - Intersil Corporation ISL21010_1112 Datasheet HTML 4Page - Intersil Corporation ISL21010_1112 Datasheet HTML 5Page - Intersil Corporation ISL21010_1112 Datasheet HTML 6Page - Intersil Corporation ISL21010_1112 Datasheet HTML 7Page - Intersil Corporation ISL21010_1112 Datasheet HTML 8Page - Intersil Corporation ISL21010_1112 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL21010
4
FN7896.1
December 8, 2011
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VOUT(pin) to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VIN +0.5V
Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1V/µs
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical) . . . . . . . . . . . . . . . ..
θJA (°C/W) .....θJC(°C/W)
3 Ld SOT-23 Package (Notes 5, 6). . . . . . . . . . . . . . . ..275.................110
Continuous Power Dissipation (TA = +125°C) . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (Note 7). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage
VOUT = 1.024V, 1.25V, 1.5V, 2.048V . . . . . . . . . . . . . . . . . . . 2.2V to 5.5V
VOUT = 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
VOUT = 3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
VOUT = 3.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
VOUT = 4.096V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
7. Post-reflow drift for the ISL21010 devices may shift up to 4.0mV based on simulated reflow at 260°C peak temperature, three passes. The system
design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications (ISL21010-10, VOUT = 1.024V) VIN = 3.0V, TA = +25°C, IOUT = 0A, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOUT
Output Voltage
1.024
V
VOA
VOUT Accuracy @ TA = +25°C (Note 7)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient (Note 9)
15
50
ppm/°C
VIN
Input Voltage Range
2.2
5.5
V
IIN
Supply Current
TA = +25°C
46
80
µA
TA = -40°C to +125°C
60
100
µA
ΔVOUT /ΔVIN
Line Regulation
2.2 V < VIN < 5.5V
5
100
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 25mA
15
110
µV/mA
Sinking: -1mA
≤ IOUT ≤ 0mA
17
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
118
mA
tR
Turn-on Settling Time
VOUT = ±0.1%, COUT = 1μF
300
µs
Ripple Rejection
f = 120Hz
70
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
24
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
14
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability
1000 hours, TA = +25°C
110
ppm


Podobny numer części - ISL21010_1112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL2101010EV1Z RENESAS-ISL2101010EV1Z Datasheet
3Mb / 37P
   Micropower Voltage Reference
ISL2101012EV1Z RENESAS-ISL2101012EV1Z Datasheet
3Mb / 37P
   Micropower Voltage Reference
ISL2101015EV1Z RENESAS-ISL2101015EV1Z Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Intersil Corporation
ISL21010CFH315Z-T7A INTERSIL-ISL21010CFH315Z-T7A Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
logo
Renesas Technology Corp
ISL21010CFH315Z-T7A RENESAS-ISL21010CFH315Z-T7A Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Podobny opis - ISL21010_1112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com