Zakładka z wyszukiwarką danych komponentów |
|
ISL21010CFH330Z-TK Arkusz danych(PDF) 5 Page - Intersil Corporation |
|
ISL21010CFH330Z-TK Arkusz danych(HTML) 5 Page - Intersil Corporation |
5 / 20 page ISL21010 5 FN7896.1 December 8, 2011 Electrical Specifications (ISL21010-12, VOUT = 1.25V) VIN = 3.0V, TA = +25°C, IOUT = 0A, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOUT Output Voltage 1.25 V VOA VOUT Accuracy @ TA = +25°C (Note 7) -0.2 +0.2 % TC VOUT Output Voltage Temperature Coefficient (Note 9) 15 50 ppm/°C VIN Input Voltage Range 2.2 5.5 V IIN Supply Current TA = +25°C 46 80 µA TA = -40°C to +125°C 100 µA ΔVOUT /ΔVIN Line Regulation 2.2 V < VIN < 5.5V 1 100 µV/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 25mA 35 110 µV/mA Sinking: -1mA ≤ IOUT ≤ 0mA 50 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 118 mA tR Turn-on Settling Time VOUT = ±0.1%, COUT = 1μF 300 µs Ripple Rejection f = 120Hz 68 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 27 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 17 µVRMS ΔVOUT/ΔTA Thermal Hysteresis (Note 11) ΔTA = +165°C 100 ppm ΔVOUT/Δt Long Term Stability 1000 hours, TA = +25°C 110 ppm Electrical Specifications (ISL21010-15, VOUT = 1.5V) VIN = 3.0V, TA = +25°C, IOUT = 0A, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOUT Output Voltage 1.5 V VOA VOUT Accuracy @ TA = +25°C (Note 7) -0.2 +0.2 % TC VOUT Output Voltage Temperature Coefficient (Note 9) 15 50 ppm/°C VIN Input Voltage Range 2.2 5.5 V IIN Supply Current TA = +25°C 46 80 µA TA = -40°C to +125°C 100 µA ΔVOUT /ΔVIN Line Regulation 2.2 V < VIN < 5.5V 9 100 µV/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 25mA 37 110 µV/mA Sinking: -1mA ≤ IOUT ≤ 0mA 50 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 118 mA tR Turn-on Settling Time VOUT = ±0.1%, COUT = 1μF 300 µs Ripple Rejection f = 120Hz 66 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 35 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 20 µVRMS ΔVOUT/ΔTA Thermal Hysteresis (Note 11) ΔTA = +165°C 100 ppm ΔVOUT/Δt Long Term Stability 1000 hours, TA = +25°C 110 ppm |
Podobny numer części - ISL21010CFH330Z-TK |
|
Podobny opis - ISL21010CFH330Z-TK |