Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32612E Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL32612E
Szczegółowy opis  16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32612E Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL32612E Datasheet HTML 1Page - Intersil Corporation ISL32612E Datasheet HTML 2Page - Intersil Corporation ISL32612E Datasheet HTML 3Page - Intersil Corporation ISL32612E Datasheet HTML 4Page - Intersil Corporation ISL32612E Datasheet HTML 5Page - Intersil Corporation ISL32612E Datasheet HTML 6Page - Intersil Corporation ISL32612E Datasheet HTML 7Page - Intersil Corporation ISL32612E Datasheet HTML 8Page - Intersil Corporation ISL32612E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL32610E, ISL32611E, ISL32612E
4
FN7869.0
October 21, 2011
(
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
RE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +12.5V
Output Voltages
RO. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
ESD Rating . . . . . . . . . . . . . . See “Electrical Specifications” Table page 5
Latch-up (per JESD78, Level 2, Class A) . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SOT-23 Package (Note 6, 7) . . . . . . .
190
120
6 Ld SOT-23 Package (Note 6, 7) . . . . . . .
177
120
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 3.3V
Common Mode Input Voltage
VCC = 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to +2V
VCC = 3.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to +12V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 1.8V; Unless Otherwise Specified. Typicals are at VCC = 1.8V, TA = +25°C. Boldface
limits apply over the operating temperature range, -40°C to +125°C. (Note 9)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
DC CHARACTERISTICS
Logic Input High Voltage (Note 12)
VIH
RE, RE
VCC = 1.8V
Full
1.2
--
V
3V ≤ VCC ≤ 3.6V
Full
2
--
V
Logic Input Low Voltage (Note 12)
VIL
RE, RE
VCC = 1.8V
Full
-
-
0.45
V
3V ≤ VCC ≤ 3.6V
Full
-
-
0.8
V
Logic Input Current (Note 12)
IIN1
RE, RE
VCC = 1.8V
Full
-6
-
6
µA
VCC ≤ 3.6V
Full
-12
-
12
µA
Input Current (A, B) (Note 11)
IIN2
VCC = 0V or 1.8V
VIN = 2V
Full
-
-
60
µA
VIN = -2V
Full
-60
--
µA
VCC = 0V or 3.6V
VIN = 12V
Full
-
-
125
µA
VIN = -7V
Full
-100
--
µA
Receiver Differential Threshold
Voltage
VTH
-2V ≤ VCM ≤ 2V
VCC = 1.8V
Full
-0.2
-
0.2
V
-7V ≤ VCM ≤ 12V
3V ≤ VCC ≤ 3.6V
Full
-0.2
-
0.2
V
Receiver Input Hysteresis
ΔVTH
VCM = 0V
VCC = 1.8V
Full
-
70
-
mV
3V ≤ VCC ≤ 3.6V
Full
-
70
-
mV
Receiver Output High Voltage
VOH
IO = -1mA, VID = 200mV
Full
VCC - 0.4
--
V
Receiver Output Low Voltage
VOL
IO = 2mA, VID = -200mV
Full
-
-
0.4
V
Three-State (High Impedance)
Receiver Output Current (Note 12)
IOZR
0V ≤ VO ≤ VCC
Full
-1
-
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
-
-
30
mA
No-Load Supply Current
ICC
RE = 0V or RE = VCC
VCC = 1.8V
Full
-
85
110
µA
3V ≤ VCC ≤ 3.6V
Full
-
-
135
µA
Shutdown Supply Current
(Notes 10, 12)
ISHDN
ISL32611, RE = VCC, VCC ≥ 1.8V
Full
-
-
2
µA
ISL32612, RE = 0V
VCC = 1.8V
Full
-
-
7
µA
VCC ≤ 3.6V
Full
-
-
14
µA


Podobny numer części - ISL32612E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32612E INTERSIL-ISL32612E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32612E RENESAS-ISL32612E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32612EFHZ-T RENESAS-ISL32612EFHZ-T Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32612EFHZ-T7A RENESAS-ISL32612EFHZ-T7A Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
More results

Podobny opis - ISL32612E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com