Zakładka z wyszukiwarką danych komponentów |
|
SIZ728DT-T1-GE3 Arkusz danych(PDF) 3 Page - Vishay Siliconix |
|
SIZ728DT-T1-GE3 Arkusz danych(HTML) 3 Page - Vishay Siliconix |
3 / 14 page Document Number: 67694 S11-0608-Rev. A, 04-Apr-11 www.vishay.com 3 Vishay Siliconix SiZ728DT New Product This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes: a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TJ = 25 °C, unless otherwise noted) Parameter Symbol Test Conditions Min. Typ. Max. Unit Dynamica Turn-On Delay Time td(on) Channel-1 VDD = 12.5 V, RL = 1.25 Ω ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω Channel-2 VDD = 12.5 V, RL = 1.25 Ω ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω Ch-1 12 25 ns Ch-2 20 40 Rise Time tr Ch-1 15 30 Ch-2 18 35 Turn-Off Delay Time td(off) Ch-1 15 30 Ch-2 30 60 Fall Time tf Ch-1 10 20 Ch-2 10 20 Turn-On Delay Time td(on) Channel-1 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω Channel-2 VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω Ch-1 7 15 Ch-2 10 20 Rise Time tr Ch-1 12 25 Ch-2 12 25 Turn-Off Delay Time td(off) Ch-1 25 50 Ch-2 30 60 Fall Time tf Ch-1 10 20 Ch-2 10 20 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C Ch-1 16 A Ch-2 35 Pulse Diode Forward Currenta ISM Ch-1 70 Ch-2 100 Body Diode Voltage VSD IS = 10 A, VGS = 0 V Ch-1 0.8 1.2 V IS = 10 A, VGS = 0 V Ch-2 0.78 1.2 Body Diode Reverse Recovery Time trr Channel-1 IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C Channel-2 IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C Ch-1 12 25 ns Ch-2 25 50 Body Diode Reverse Recovery Charge Qrr Ch-1 4 8 nC Ch-2 15 30 Reverse Recovery Fall Time ta Ch-1 6.6 ns Ch-2 12.5 Reverse Recovery Rise Time tb Ch-1 5.5 Ch-2 12.5 |
Podobny numer części - SIZ728DT-T1-GE3 |
|
Podobny opis - SIZ728DT-T1-GE3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |