Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6J11A Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SMA6J11A
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA6J11A Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SMA6J11A Datasheet HTML 1Page - Vishay Siliconix SMA6J11A Datasheet HTML 2Page - Vishay Siliconix SMA6J11A Datasheet HTML 3Page - Vishay Siliconix SMA6J11A Datasheet HTML 4Page - Vishay Siliconix SMA6J11A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SMA6J5.0A thru SMA6J28A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89115
Revision: 30-Oct-08
2
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) To calculate maximum clamping voltage at other surge currents, use the following formula
VCLmax. = RD x IPP + VBRmax.
(3) To calculate VBR vs. junction temperature, use the following formula
VBR at TJ = VBR at 25 °C x (1 + αT x (TJ - 25))
(4) VF = 3.5 V at IF = 25 A, pulse test: 300 µs pulse width
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
VWM
Stand-off voltage
VBR
Breakdown voltage
VC
Clamping voltage
ID
Leakage current at VWM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
RD
Dynamic resistance
V
BR
V
C
V
WM
I
PP
I
D
I
T
V
F
I
F
V
I
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
MAXIMUM
REVERSE LEAKAGE
ID AT VWM
VC AT IPP
RD
(2)
VC AT IPP
RD
(2)
αT (3)
10/1000 µs
8/20 µs
MIN.
MAX.
25 °C
85 °C
MAX.
MAX.
MAX.
V
mA
µA
V
V
A
Ω
V
A
Ω
10-4/°C
SMA6J5.0A
6AE
6.40
7.07
10
150
375
5.0
9.1
65.9
0.031
13.4
298
0.021
5.7
SMA6J6.0A
6AG
6.70
7.41
10
600
1500
6.0
9.5
63.2
0.033
13.7
290
0.022
5.9
SMA6J6.5A
6AK
7.20
7.96
10
100
250
6.5
10.2
58.8
0.038
14.5
276
0.024
6.1
SMA6J7.5A
6AP
8.33
9.21
1
50
125
7.5
11.8
50.8
0.051
17.0
235
0.033
6.5
SMA6J8.0A
6AR
8.89
9.83
1
20
50
8.0
12.5
48.0
0.056
18.2
220
0.038
7.0
SMA6J8.5A
6AT
9.4
10.4
1
20
50
8.5
13.3
45.1
0.064
18.7
205
0.040
7.3
SMA6J10A
6AX
11.1
12.3
1
0.2
1
10
15.7
38.2
0.089
19.6
184
0.040
7.8
SMA6J11A
6AZ
12.2
13.5
1
0.2
1
11
17.2
34.8
0.107
21.5
172
0.047
8.1
SMA6J12A
6BE
13.3
14.7
1
0.2
1
12
18.8
31.9
0.128
23.5
157
0.056
8.3
SMA6J13A
6BG
14.4
15.9
1
0.2
1
13
20.4
29.4
0.153
23.9
147
0.054
8.4
SMA6J15A
6BM
16.7
18.5
1
0.2
1
15
23.6
25.4
0.201
27.7
123
0.075
8.8
SMA6J16A
6BP
17.8
19.7
1
0.2
1
16
25.2
23.8
0.229
29.5
119
0.083
8.8
SMA6J17A
6BR
18.9
20.9
1
0.2
1
17
26.7
22.5
0.259
31.4
111
0.094
9.0
SMA6J18A
6BT
20.0
22.1
1
0.2
1
18
28.3
21.2
0.292
33.2
102
0.109
9.2
SMA6J20A
6BV
22.2
24.5
1
0.2
1
20
31.4
19.1
0.361
36.8
93
0.132
9.4
SMA6J22A
6BX
24.4
26.9
1
0.2
1
22
34.5
17.4
0.437
40.4
89
0.152
9.5
SMA6J24A
6BZ
26.7
29.5
1
0.2
1
24
37.8
15.9
0.523
44.3
80
0.185
9.6
SMA6J26A
6CE
28.9
31.9
1
0.2
1
26
40.9
14.7
0.614
47.9
75
0.213
9.7
SMA6J28A
6CG
31.1
34.4
1
0.2
1
28
44.0
13.6
0.704
51.6
68
0.253
9.8


Podobny numer części - SMA6J11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMA6J11A MCC-SMA6J11A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
logo
Taiwan Semiconductor Co...
SMA6J11A TSC-SMA6J11A Datasheet
218Kb / 5P
   Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J11A SEMITECH-SMA6J11A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J11A SECOS-SMA6J11A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J11A SECOS-SMA6J11A Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results

Podobny opis - SMA6J11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com