Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2015D1YZHT Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2015D1YZHT
Szczegółowy opis  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA2015D1YZHT Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 9Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 10Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 11Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 12Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Gain − dB
0
2
4
6
8
10
12
14
16
18
20
5k
10k
15k
20k
25k
30k
35k
40k
RL = 8 Ω + 33 µH
f − Frequency − Hz
20
100
1k
10k
20k
−100
−80
−60
−40
−20
0
VBAT = 2.5 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Input Level = 0.2 VPP
Gain = 6 dB
Output Referred
t − Time − s
0
5m
10m
15m
20m
−2
0
2
4
6
ENB and END
VOUT+ − VOUT−
VBAT = 3.6 V
Gain = 6 dB
POUT = 100mW @ 1kHz
RL = 8 Ω + 33 µH
t − Time − s
0
2m
4m
6m
8m
10m
−2
0
2
4
6
ENB and END
VOUT+ − VOUT−
VBAT = 3.6 V
Gain = 6 dB
POUT = 100 mW @ 1kHz
RL = 8 Ω + 33 µH
TPA2015D1
www.ti.com
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
VBAT = 3.6 V, Gain = 6 dB, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, AGC = Float, ENB = END = VBAT, and
Load = 8
Ω + 33 µH unless otherwise specified.
SPACER
Figure 13. SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 14. INPUT IMPEDANCE (PER INPUT) vs GAIN
Figure 15. STARTUP TIMING
Figure 16. SHUTDOWN TIMING
Figure 17. EMC PERFORMANCE
Figure 18. EMC PERFORMANCE
PO = 50 mW with 2 INCH SPEAKER CABLE
PO = 750 mW with 2 INCH SPEAKER CABLE
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA2015D1


Podobny numer części - TPA2015D1YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

Podobny opis - TPA2015D1YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com