Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1000C24K0L Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części ST1000C24K0L
Szczegółowy opis  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C24K0L Arkusz danych(HTML) 7 Page - Vishay Siliconix

  ST1000C24K0L Datasheet HTML 1Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 2Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 3Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 4Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 5Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 6Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 7Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95081
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 02-Aug-07
1
A-24 (K-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
2 holes DIA. 3.5 (0.14) x 2.1 (0.1) deep
4.75 (0.2) NOM.
44 (1.73)
Creepage distance: 28.88 (1.137) minimum
Strike distance: 17.99 (0.708) minimum
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see thermal and mechanical specification)
20° ± 5°
Pin receptable
AMP. 60598-1
1 (0.04) MIN.
2 places
47.5 (1.87) DIA. MAX.
2 places
27.5 (1.08) MAX.
67 (2.6) DIA. MAX.


Podobny numer części - ST1000C24K0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST1000C24K0L IRF-ST1000C24K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C24K0L VISHAY-ST1000C24K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
More results

Podobny opis - ST1000C24K0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com