Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1000C24K0L Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części ST1000C24K0L
Szczegółowy opis  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C24K0L Arkusz danych(HTML) 1 Page - Vishay Siliconix

  ST1000C24K0L Datasheet HTML 1Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 2Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 3Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 4Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 5Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 6Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 7Page - Vishay Siliconix ST1000C24K0L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93714
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 02-Feb-11
1
Phase Control Thyristors (Hockey PUK Version), 1473 A
ST1000C..K Series
Vishay Semiconductors
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case A-24 (K-PUK)
• High profile hockey PUK
• Compliant to RoHS Directive 2002/95/EC
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
1473 A
A-24 (K-PUK)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
1473
A
Ths
55
°C
IT(RMS)
2913
A
Ths
25
°C
ITSM
50 Hz
20.0
A
60 Hz
21.2
I2t
50 Hz
2000
kA2s
60 Hz
1865
I2
t
20 000
kA2
s
VDRM/VRRM
Range
1200 to 2600
V
tq
Typical
300
μs
TJ
Range
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK REVERSE
VOLTAGE
V
IRRM MAXIMUM
AT TJ = 125 °C
mA
ST1000C..K
12
1200
1300
100
16
1600
1700
18
1800
1900
20
2000
2100
22
2200
2300
24
2400
2500
26
2600
2700


Podobny numer części - ST1000C24K0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST1000C24K0L IRF-ST1000C24K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C24K0L VISHAY-ST1000C24K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
More results

Podobny opis - ST1000C24K0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com