Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSHA6202 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części TSHA6202
Szczegółowy opis  Infrared Emitting Diode, 875 nm, GaAlAs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6202 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  TSHA6202 Datasheet HTML 1Page - Vishay Siliconix TSHA6202 Datasheet HTML 2Page - Vishay Siliconix TSHA6202 Datasheet HTML 3Page - Vishay Siliconix TSHA6202 Datasheet HTML 4Page - Vishay Siliconix TSHA6202 Datasheet HTML 5Page - Vishay Siliconix TSHA6202 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 81021
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.8, 25-Jun-09
5
TSHA6200, TSHA6201, TSHA6202, TSHA6203
Infrared Emitting Diode, 875 nm,
GaAlAs
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
0.6
+ 0.2
- 0.1
A
C
R2.49 (sphere)
Area not plane
Ø 5 ± 0.15
2.54 nom.
0.5
+ 0.15
- 0.05
specifications
according to DIN
technical drawings
Drawing-No.: 6.544-5259.04-4
Issue: 8; 19.05.09
96 12125
0.5
+ 0.15
- 0.05


Podobny numer części - TSHA6202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSHA6202 VISHAY-TSHA6202 Datasheet
87Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA6202 VISHAY-TSHA6202 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.6, 05-Sep-08
TSHA6202 VISHAY-TSHA6202 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6202 VISHAY-TSHA6202 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6202 VISHAY-TSHA6202 Datasheet
107Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

Podobny opis - TSHA6202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com