Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC846A Arkusz danych(PDF) 1 Page - Siemens Semiconductor Group

Numer części BC846A
Szczegółowy opis  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC846A Arkusz danych(HTML) 1 Page - Siemens Semiconductor Group

  BC846A Datasheet HTML 1Page - Siemens Semiconductor Group BC846A Datasheet HTML 2Page - Siemens Semiconductor Group BC846A Datasheet HTML 3Page - Siemens Semiconductor Group BC846A Datasheet HTML 4Page - Siemens Semiconductor Group BC846A Datasheet HTML 5Page - Siemens Semiconductor Group BC846A Datasheet HTML 6Page - Siemens Semiconductor Group BC846A Datasheet HTML 7Page - Siemens Semiconductor Group BC846A Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
04.96
Features
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise between 30 Hz and 15 kHz
q
Complementary types: BC 856, BC 857,
BC 859, BC 860 (PNP)
Type
Marking
Package1)
Pin Configuration
BC 846 A
BC 846 B
BC 847 A
BC 847 B
BC 847 C
BC 848 A
BC 848 B
BC 848 C
BC 849 B
BC 849 C
BC 850 B
BC 850 C
Q62702-C1772
Q62702-C1746
Q62702-C1884
Q62702-C1687
Q62702-C1715
Q62702-C1741
Q62702-C1704
Q62702-C1506
Q62702-C1727
Q62702-C1713
Q62702-C1885
Q62702-C1712
1As
1Bs
1Es
1Fs
1Gs
1Js
1Ks
1Ls
2Bs
2Cs
2Fs
2Gs
SOT-23
1
2
3
Ordering Code
(tape and reel)
B
E
C
1)
For detailed information see chapter Package Outlines.
NPN Silicon AF Transistors
BC 846 ... BC 850


Podobny numer części - BC846A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Shenzhen Jin Yu Semicon...
BC846A HTSEMI-BC846A Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Podobny opis - BC846A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com