Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848A Arkusz danych(PDF) 5 Page - Siemens Semiconductor Group

Numer części BC848A
Szczegółowy opis  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC848A Arkusz danych(HTML) 5 Page - Siemens Semiconductor Group

  BC848A Datasheet HTML 1Page - Siemens Semiconductor Group BC848A Datasheet HTML 2Page - Siemens Semiconductor Group BC848A Datasheet HTML 3Page - Siemens Semiconductor Group BC848A Datasheet HTML 4Page - Siemens Semiconductor Group BC848A Datasheet HTML 5Page - Siemens Semiconductor Group BC848A Datasheet HTML 6Page - Siemens Semiconductor Group BC848A Datasheet HTML 7Page - Siemens Semiconductor Group BC848A Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
5
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
Transition frequency fT = f (IC)
VCE = 5 V


Podobny numer części - BC848A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
BC848A LUGUANG-BC848A Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
TAITRON Components Inco...
BC848A TAITRON-BC848A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Olitech Electronics Co....
BC848A OLITECH-BC848A Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
BC848A YFWDIODE-BC848A Datasheet
704Kb / 4P
   NPN Transistors
More results

Podobny opis - BC848A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com