Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5404 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN5404
Szczegółowy opis  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5404 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN5404 Datasheet HTML 1Page - Fairchild Semiconductor FAN5404 Datasheet HTML 2Page - Fairchild Semiconductor FAN5404 Datasheet HTML 3Page - Fairchild Semiconductor FAN5404 Datasheet HTML 4Page - Fairchild Semiconductor FAN5404 Datasheet HTML 5Page - Fairchild Semiconductor FAN5404 Datasheet HTML 6Page - Fairchild Semiconductor FAN5404 Datasheet HTML 7Page - Fairchild Semiconductor FAN5404 Datasheet HTML 8Page - Fairchild Semiconductor FAN5404 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
4
Pin Configuration
C1
B1
A1
A2
C3
B3
A3
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
Top View
C1
B1
A1
C3
B3
A3
A2
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
Bottom View
Figure 4. WLCSP-20 Pin Assignments
Pin Definitions
Pin #
Name
Part #
Description
A1, A2
VBUS
ALL
Charger Input Voltage
and USB-OTG output voltage. Bypass with a 1
F capacitor to
PGND.
A3
NC
ALL
No Connect
. No external connection is made between this pin and the IC’s internal
circuitry.
A4
SCL
ALL
I
2C Interface Serial Clock. This pin should not be left floating.
B1-B3
PMID
ALL
Power Input Voltage
. Power input to the charger regulator, bypass point for the input
current sense, and high-voltage input switch. Bypass with a minimum of 4.7
F, 6.3V
capacitor to PGND.
B4
SDA
ALL
I
2C Interface Serial Data. This pin should not be left floating.
C1-C3
SW
ALL
Switching Node
. Connect to output inductor.
C4
STAT
ALL
Status
. Open-drain output indicating charge status. The IC pulls this pin LOW when charge
is in process.
D1-D3
PGND
ALL
Power Ground
. Power return for gate drive and power transistors. The connection from this
pin to the bottom of CMID should be as short as possible.
D4
OTG
ALL
On-The-Go
. Enables boost regulator in conjunction with OTG_EN and OTG_PL bits (see
Table 16)
. On VBUS Power-On Reset (POR), this pin sets the input current limit for t15MIN
charging.
E1
CSIN
ALL
Current-Sense Input
. Connect to the sense resistor in series with the battery. The IC uses
this node to sense current into the battery. Bypass this pin with a 0.1
F capacitor to PGND.
E2
AUXPWR
FAN5400,
FAN5401,
FAN5402
Auxiliary Power
. Connect to the battery pack to provide IC power during High-Impedance
Mode. Bypass with a 1
F capacitor to PGND.
E2
DISABLE
FAN5403,
FAN5404,
FAN5405
Charge Disable
. If this pin is HIGH, charging is disabled. When LOW, charging is
controlled by the I
2C registers. When this pin is HIGH, the 15-minute timer is reset. This pin
does not affect the 32-second timer.
E3
VREG
ALL
Regulator Output
. Connect to a 1
F capacitor to PGND. This pin can supply up to 2mA of
DC load current. For FAN5400-FAN5402, the output voltage is PMID, which is limited to
6.5V. For FAN5403-FAN5405, the output voltage is regulated to 1.8V.
E4
VBAT
ALL
Battery Voltage
. Connect to the positive (+) terminal of the battery pack. Bypass with a
0.1
F capacitor to PGND if the battery is connected through long leads.


Podobny numer części - FAN5404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5404 FAIRCHILD-FAN5404 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54040 FAIRCHILD-FAN54040 Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN54040UCX FAIRCHILD-FAN54040UCX Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040UCX ONSEMI-FAN54040UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

Podobny opis - FAN5404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com