Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1112D125 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części ADC1112D125
Szczegółowy opis  Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1112D125 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  ADC1112D125 Datasheet HTML 1Page - NXP Semiconductors ADC1112D125 Datasheet HTML 2Page - NXP Semiconductors ADC1112D125 Datasheet HTML 3Page - NXP Semiconductors ADC1112D125 Datasheet HTML 4Page - NXP Semiconductors ADC1112D125 Datasheet HTML 5Page - NXP Semiconductors ADC1112D125 Datasheet HTML 6Page - NXP Semiconductors ADC1112D125 Datasheet HTML 7Page - NXP Semiconductors ADC1112D125 Datasheet HTML 8Page - NXP Semiconductors ADC1112D125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ADC1112D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 March 2011
4 of 41
NXP Semiconductors
ADC1112D125
Dual 11-bit ADC: CMOS or LVDS DDR digital outputs
VCMB
13
O
common-mode output voltage; channel B
AGND
14
G
analog ground
INBM
15
I
complementary analog input; channel B
INBP
16
I
analog input; channel B
VDDA
17
P
analog power supply
VDDA
18
P
analog power supply
SCLK/DFS
19
I
SPI clock/data format select
SDIO/ODS
20
I/O
SPI data input/output/output data standard
CS
21
I
SPI chip select, active LOW
CTRL
22
I
control mode select
DECB
23
O
regulator decoupling node; channel B
OTRB
24
O
out-of-range; channel B
DB10
25
O
data output bit 10 (Most Significant Bit (MSB)); channel B
DB9
26
O
data output bit 9; channel B
DB8
27
O
data output bit 8; channel B
DB7
28
O
data output bit 7; channel B
DB6
29
O
data output bit 6; channel B
DB5
30
O
data output bit 5; channel B
VDDO
31
P
output power supply
VDDO
32
P
output power supply
DB4
33
O
data output bit 4; channel B
DB3
34
O
data output bit 3; channel B
DB2
35
O
data output bit 2; channel B
DB1
36
O
data output bit 1; channel B
DB0
37
O
data output bit 0 (Least Significant Bit (LSB)); channel B
n.c.
38
O
not connected
n.c.
39
O
not connected
n.c.
40
O
not connected
n.c.
41
-
not connected
DAV
42
O
data valid output clock
n.c.
43
O
not connected
n.c.
44
O
not connected
n.c.
45
O
not connected
DA0
46
O
data output bit 0 (LSB); channel A
DA1
47
O
data output bit 1; channel A
DA2
48
O
data output bit 2; channel A
VDDO
49
P
output power supply
VDDO
50
P
output power supply
DA3
51
O
data output bit 3; channel A
DA4
52
O
data output bit 4; channel A
DA5
53
O
data output bit 5; channel A
DA6
54
O
data output bit 6; channel A
DA7
55
O
data output bit 7; channel A
DA8
56
O
data output bit 8; channel A
Table 2.
Pin description (CMOS digital outputs) …continued
Symbol
Pin
Type [1]
Description


Podobny numer części - ADC1112D125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125HN-C1 IDT-ADC1112D125HN-C1 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
More results

Podobny opis - ADC1112D125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com