Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1212D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części ADC1212D
Szczegółowy opis  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1212D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button ADC1212D Datasheet HTML 2Page - NXP Semiconductors ADC1212D Datasheet HTML 3Page - NXP Semiconductors ADC1212D Datasheet HTML 4Page - NXP Semiconductors ADC1212D Datasheet HTML 5Page - NXP Semiconductors ADC1212D Datasheet HTML 6Page - NXP Semiconductors ADC1212D Datasheet HTML 7Page - NXP Semiconductors ADC1212D Datasheet HTML 8Page - NXP Semiconductors ADC1212D Datasheet HTML 9Page - NXP Semiconductors ADC1212D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADC1212D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 March 2011
6 of 42
NXP Semiconductors
ADC1212D series
Dual 12-bit ADC: CMOS or LVDS DDR digital outputs
6.2.2 Pin description
[1]
Pins 1 to 24, pin 59 to 64 and pins 31, 32, 49 and 50 are the same for both CMOS and LVDS DDR outputs
(see Table 2).
[2]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
Table 3.
Pin description (LVDS DDR) digital outputs) [1]
Symbol
Pin
Type [2]
Description
DB10_DB11_M 25
O
differential output data DB10 and DB11 multiplexed,
complement
DB10_DB11_P
26
O
differential output data DB10 and DB11 multiplexed, true
DB8_DB9_M
27
O
differential output data DB8 and DB9 multiplexed, complement
DB8_DB9_P
28
O
differential output data DB8 and DB9 multiplexed, true
DB6_DB7_M
29
O
differential output data DB6 and DB7 multiplexed, complement
DB6_DB7_P
30
O
differential output data DB6 and DB7 multiplexed, true
DB4_DB5_M
33
O
differential output data DB4 and DB5 multiplexed, complement
DB4_DB5_P
34
O
differential output data DB4 and DB5 multiplexed, true
DB2_DB3_M
35
O
differential output data DB2 and DB3 multiplexed, complement
DB2_DB3_P
36
O
differential output data DB2 and DB3 multiplexed, true
DB0_DB1_M
37
O
differential output data DB0 and DB1 multiplexed, complement
DB0_DB1_P
38
O
differential output data DB0 and DB1 multiplexed, true
n.c.
39
-
not connected
n.c.
40
-
not connected
DAVM
41
O
data valid output clock, complement
DAVP
42
O
data valid output clock, true
n.c.
43
-
not connected
n.c.
44
-
not connected
DA0_DA1_P
45
O
differential output data DA0 and DA1 multiplexed, true
DA0_DA1_M
46
O
differential output data DA0 and DA1 multiplexed, complement
DA2_DA3_P
47
O
differential output data DA2 and DA3 multiplexed, true
DA2_DA3_M
48
O
differential output data DA2 and DA3 multiplexed, complement
DA4_DA5_P
51
O
differential output data DA4 and DA5 multiplexed, true
DA4_DA5_M
52
O
differential output data DA4 and DA5 multiplexed, complement
DA6_DA7_P
53
O
differential output data DA6 and DA7 multiplexed, true
DA6_DA7_M
54
O
differential output data DA6 and DA7 multiplexed, complement
DA8_DA9_P
55
O
differential output data DA8 and DA9 multiplexed, true
DA8_DA9_M
56
O
differential output data DA8 and DA9 multiplexed, complement
DA10_DA11_P
57
O
differential output data DA10 and DA11 multiplexed, true
DA10_DA11_M 58
O
differential output data DA10 and DA11 multiplexed,
complement


Podobny numer części - ADC1212D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D065HN-C1 IDT-ADC1212D065HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1212D080HN-C1 IDT-ADC1212D080HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1212D105HN-C1 IDT-ADC1212D105HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results

Podobny opis - ADC1212D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com