Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1212D125HN Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części ADC1212D125HN
Szczegółowy opis  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1212D125HN Arkusz danych(HTML) 5 Page - NXP Semiconductors

  ADC1212D125HN Datasheet HTML 1Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 2Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 3Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 4Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 5Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 6Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 7Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 8Page - NXP Semiconductors ADC1212D125HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
ADC1212D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 March 2011
5 of 42
NXP Semiconductors
ADC1212D series
Dual 12-bit ADC: CMOS or LVDS DDR digital outputs
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
6.2 LVDS DDR outputs selected
6.2.1 Pinning
DA10
57
O
data output bit 10; channel A
DA11
58
O
data output bit 11 (MSB); channel A
OTRA
59
O
out-of-range; channel A
DECA
60
O
regulator decoupling node; channel A
VDDA
61
P
analog power supply
SENSE
62
I
reference programming pin
VREF
63
I/O
voltage reference input/output
VDDA
64
P
analog power supply
Table 2.
Pin description (CMOS digital outputs) …continued
Symbol
Pin
Type [1]
Description
Fig 3.
Pin configuration with LVDS DDR digital outputs selected
ADC1212D
HVQFN64
Transparent top view
DB4_DB5_M
INBM
INBP
DB4_DB5_P
AGND
DB2_DB3_M
VCMB
DB2_DB3_P
REFBT
DB0_DB1_M
REFBB
DB0_DB1_P
AGND
n.c.
CLKM
n.c.
CLKP
DAVM
AGND
DAVP
REFAB
n.c.
REFAT
n.c.
VCMA
DA0_DA1_P
AGND
DA0_DA1_M
INAM
DA2_DA3_P
INAP
DA2_DA3_M
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area
005aaa130


Podobny numer części - ADC1212D125HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1212D125HN-C1 IDT-ADC1212D125HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results

Podobny opis - ADC1212D125HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com