Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1405D750 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części DAC1405D750
Szczegółowy opis  Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC1405D750 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button DAC1405D750 Datasheet HTML 5Page - NXP Semiconductors DAC1405D750 Datasheet HTML 6Page - NXP Semiconductors DAC1405D750 Datasheet HTML 7Page - NXP Semiconductors DAC1405D750 Datasheet HTML 8Page - NXP Semiconductors DAC1405D750 Datasheet HTML 9Page - NXP Semiconductors DAC1405D750 Datasheet HTML 10Page - NXP Semiconductors DAC1405D750 Datasheet HTML 11Page - NXP Semiconductors DAC1405D750 Datasheet HTML 12Page - NXP Semiconductors DAC1405D750 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DAC1405D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 June 2011
9 of 42
NXP Semiconductors
DAC1405D750
Dual 14-bit DAC, up to 750 Msps; 4
 and 8 interpolating
9.
Characteristics
Table 5.
Characteristics
VDDA(1V8) =VDDD(1V8) = 1.8 V; VDDA(3V3) =VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together;
Tamb = 40 Cto+85 C; typical values measured at Tamb =25 C; RL = 50 differential; IO(fs) = 20 mA; PLL off unless
otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit
VDD(IO)(3V3)
input/output supply voltage
(3.3 V)
I3.0
3.3
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
I3.0
3.3
3.6
V
VDDA(1V8)
analog supply voltage
(1.8 V)
I1.7
1.8
1.9
V
VDDD(1V8)
digital supply voltage (1.8 V)
I
1.7
1.8
1.9
V
IDD(IO)(3V3)
input/output supply current
(3.3 V)
fo =19MHz;
fs =740 Msps;
4
 interpolation;
NCO on
I-
0.5
0.7
mA
IDDA(3V3)
analog supply current
(3.3 V)
fo =19MHz;
fs =740 Msps;
4
 interpolation;
NCO on
I
-
44
50
mA
IDDD(1V8)
digital supply current (1.8 V) fo =19MHz;
fs =740 Msps;
4
 interpolation;
NCO on
I-
181
210
mA
IDDA(1V8)
analog supply current
(1.8 V)
fo =19MHz;
fs =740 Msps;
4
 interpolation;
NCO on
I-
360
391
mA
IDDD
digital supply current
for x / (sin x) function
only
I-
70
-
mA
Ptot
total power dissipation
fo =19MHz;
fs =740 Msps
4
 interpolation
NCO off; DAC B off
C
-
0.74
-
W
NCO off
C
-
0.89
-
W
NCO on; all VDD
C
-
1.12
1.32
W
8
 interpolation
NCO on
I
-
1.11
-
W
Power-down mode:
full power-down;
all VDD
I
-
0.03
0.06
W
DAC A and DAC B
Sleep mode; NCO on
I
-
0.63
-
W


Podobny numer części - DAC1405D750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750HW NXP-DAC1405D750HW Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
More results

Podobny opis - DAC1405D750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com