Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW67C Arkusz danych(PDF) 5 Page - Siemens Semiconductor Group

Numer części BCW67C
Szczegółowy opis  PNP Silicon AF Transistors (For general AF applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW67C Arkusz danych(HTML) 5 Page - Siemens Semiconductor Group

  BCW67C Datasheet HTML 1Page - Siemens Semiconductor Group BCW67C Datasheet HTML 2Page - Siemens Semiconductor Group BCW67C Datasheet HTML 3Page - Siemens Semiconductor Group BCW67C Datasheet HTML 4Page - Siemens Semiconductor Group BCW67C Datasheet HTML 5Page - Siemens Semiconductor Group BCW67C Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Transition frequency fT = f (IC)
VCE = 5 V
Collector cutoff current ICB0 = f (TA)
VCB = VCEmax
BCW 67
BCW 68


Podobny numer części - BCW67C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

Podobny opis - BCW67C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com