Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF799 Arkusz danych(PDF) 1 Page - Siemens Semiconductor Group

Numer części BF799
Szczegółowy opis  NPN SILICON RF TRANSISTOR (For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF799 Arkusz danych(HTML) 1 Page - Siemens Semiconductor Group

  BF799 Datasheet HTML 1Page - Siemens Semiconductor Group BF799 Datasheet HTML 2Page - Siemens Semiconductor Group BF799 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
NPN Silicon RF Transistor
BF 799
q
For linear broadband amplifier
applications up to 500 MHz
q
SAW filter driver in TV tuners
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BF 799
Q62702-F935
LK
SOT-23
1
2
3
B
E
C
Ordering Code
(tape and reel)
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
20
V
Collector-base voltage
VCB0
30
Emitter-base voltage
VEB0
3
Thermal Resistance
Junction - ambient2)
Rth JA
450
K/W
Total power dissipation, TA
25 ˚C
Ptot
280
mW
Storage temperature range
Tstg
– 65 … + 150
Peak base current
IBM
15
Junction temperature
Tj
150
˚C
Collector current
IC
35
mA
Collector-emitter reverse voltage
VCES
30
Peak collector current
ICM
50
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
07.94


Podobny numer części - BF799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BF799 INFINEON-BF799 Datasheet
135Kb / 4P
   NPN Silicon RF Transistor
Apr-15-2003
BF799 INFINEON-BF799 Datasheet
67Kb / 6P
   NPN Silicon RF Transistor
2007-04-20
BF799 INFINEON-BF799 Datasheet
525Kb / 6P
   NPN Silicon RF Transistor
2011-09-21
logo
Siemens Semiconductor G...
BF799W SIEMENS-BF799W Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
logo
Infineon Technologies A...
BF799W INFINEON-BF799W Datasheet
128Kb / 4P
   NPN Silicon RF Transistor
Apr-15-2003
More results

Podobny opis - BF799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BF799W SIEMENS-BF799W Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
BF959 SIEMENS-BF959 Datasheet
66Kb / 3P
   NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
   NPN Silicon RF Transistor (For application in TV-sat tuners)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BFX89 SIEMENS-BFX89 Datasheet
60Kb / 3P
   NPN SILICON TRANSISTOR FOR RF BROADBAND AMPLIFIER
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF770A SIEMENS-BF770A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For IF amplifiers in TV-sat tuners and for VCR modulators)
BF775W SIEMENS-BF775W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com