Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC-EVAL-09 Arkusz danych(PDF) 8 Page - Cymbet Corporation

Numer części CBC-EVAL-09
Szczegółowy opis  EnerChip??EP Universal Energy Harvester Eval Kit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYMBET [Cymbet Corporation]
Strona internetowa  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-09 Arkusz danych(HTML) 8 Page - Cymbet Corporation

Back Button CBC-EVAL-09 Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 8Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 9Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 10Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 11Page - Cymbet Corporation CBC-EVAL-09 Datasheet HTML 12Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CBC-EVAL-09 EnerChip EP Universal EH Eval Kit
©2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-13 Rev C
Page 8 of 15
Operating Characteristics
Specifications subject to change without notice.
(1) Fluorescent (FL) light.
(2) Assuming charge rate is not limited by input power available from transducer.
Parameter
Condition
Min
Typical
Max
Units
Input Luminous Intensity (DC In; using PV
panel provided)
Minimum operating Lux
200 (1)
-
-
Lux
Full charge rate
700 (1)
-
-
Lux
Average Continuous Output Power
(measured at
VOUT pin; using PV panel
provided)
1000 Lux (FL), battery
not charging
-
350
-
µW
200 Lux (FL), battery not
charging
-
80
-
µW
DC IN Operating Voltage at Transducer
Peak Power Point
source impedance 100Ω
to 200Ω
0.2
-
2.5
V
source impedance
>200Ω
0.5
-
4.0
V
HV DC IN Operating Voltage at Transduc-
er Peak Power Point
source impedance 10kΩ
to 100kΩ
5.0
-
20
V
DC IN Open Circuit Turn-on Voltage
25°C
0.4
-
-
V
HV DC IN Open Circuit Turn-on Voltage
25°C
5.0
-
-
V
AC IN Operating Voltage at Transducer
Peak Power Point
source impedance 100Ω
to 10kΩ
1.2
-
12
Vpp
HV AC IN (1 and 2) Operating Voltage at
Transducer Peak Power Point
source impedance 10kΩ
to 100kΩ
14.7
-
57
Vpp
Quiescent Current
Boost converter on
-
20
-
µA
Boost converter off; Ener-
Chips connected
-
800
-
nA
CBC915 off; EnerChips
connected
-
115
-
nA
VOUT; 2 µA Load
Battery charged
3.5
3.55
3.6
V
VCHG Charging Voltage
25°C
-
4.06
-
V
Battery Cutoff Voltage
4.7kΩ load
3.0
3.3
3.6
V
Pulse Discharge Current
20 msec
-
30
-
mA
Self-Discharge (non-recoverable average)
25°C
-
2.5
-
% per year
Operating Temperature
-
0
25
70
°C
Recharge Cycles
(to 80% of rated
capacity; 4.1 V charge
voltage)
25°C
10% depth-of-discharge
5000
-
-
-
50% depth-of discharge
1000
-
-
-
40°C
10% depth-of-discharge
2500
-
-
-
50% depth-of-discharge
500
-
-
-
Recharge Time (to 80% of rated 100µAh
capacity) (2)
From 50% state-of-charge
-
10
-
minutes
From deep discharge
-
50
-
minutes
Capacity
100µA discharge; 25°C
100
-
-
µAh


Podobny numer części - CBC-EVAL-09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
574Kb / 4P
   Silicon Labs RF-to-USB2 Cymbet EH Demos
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
More results

Podobny opis - CBC-EVAL-09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC-EVAL-09 CYMBET-CBC-EVAL-09_13 Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
logo
List of Unclassifed Man...
CBC-EVAL-08 ETC2-CBC-EVAL-08 Datasheet
548Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
logo
Cymbet Corporation
CBC-EVAL-08 CYMBET-CBC-EVAL-08_10 Datasheet
620Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
logo
EnOcean GmbH.
ECO200 ENOCEAN-ECO200 Datasheet
202Kb / 2P
   Energy Harvester
June 2021
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
   Eval Kit Manual
2017-Dec-01
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com