Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78T00 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC78T00
Szczegółowy opis  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78T00 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC78T00 Datasheet HTML 1Page - Motorola, Inc MC78T00 Datasheet HTML 2Page - Motorola, Inc MC78T00 Datasheet HTML 3Page - Motorola, Inc MC78T00 Datasheet HTML 4Page - Motorola, Inc MC78T00 Datasheet HTML 5Page - Motorola, Inc MC78T00 Datasheet HTML 6Page - Motorola, Inc MC78T00 Datasheet HTML 7Page - Motorola, Inc MC78T00 Datasheet HTML 8Page - Motorola, Inc MC78T00 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC78T00 Series
5
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 20 V, IO = 3.0 A, 0°C ≤ TJ ≤ 125°C, PO ≤ Pmax [Note 1], unless otherwise noted.)
MC78T15AC
MC78T15C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A;
5.0 mA
≤ IO ≤ 2.0 A, 17.5 Vdc ≤ Vin ≤ 30 Vdc)
VO
14.7
14.4
15
15
15.3
15.6
14.4
14.25
15
15
15.6
15.75
Vdc
Line Regulation (Note 2)
(17.6 Vdc
≤ Vin ≤ 40 Vdc, IO = 5.0 mA, TJ = +25°C;
17.6 Vdc
≤ Vin ≤ 40 Vdc, IO = 1.0 A, TJ = +25°C;
20 Vdc
≤ Vin ≤ 26 Vdc, IO = 3.0 A, TJ = +25°C;
18 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A)
Regline
7.5
55
7.5
55
mV
Load Regulation (Note 2)
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A)
Regload
10
15
30
80
10
15
30
80
mV
Thermal Regulation
(Pulse = 10 ms, P = 20 W, TA = +25°C)
Regtherm
0.001
0.01
0.002
0.03
%VO/W
Quiescent Current
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A)
IB
3.5
4.0
5.0
6.0
3.5
4.0
5.0
6.0
mA
Quiescent Current Change
(17.6 Vdc
≤ Vin ≤ 40 Vdc, IO = 5.0 mA, TJ = +25°C;
5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C;
18 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A)
∆IB
0.3
1.0
0.3
1.0
mA
Ripple Rejection
(18.5 Vdc
≤ Vin ≤ 28.5 Vdc, f = 120 Hz,
IO = 2.0 A, TJ = 25°C)
RR
55
65
55
65
dB
Dropout Voltage (IO = 3.0 A, TJ = +25°C)
Vin–VO
2.2
2.5
2.2
2.5
Vdc
Output Noise Voltage
(10 Hz
≤ f ≤ 100 kHz, TJ = +25°C)
Vn
10
10
µV/VO
Output Resistance (f = 1.0 kHz)
RO
2.0
20
m
Short Circuit Current Limit
(Vin = 40 Vdc, TJ = +25°C)
ISC
1.0
1.0
A
Peak Output Current (TJ = +25°C)
Imax
5.0
5.0
A
Average Temperature Coefficient of Output Voltage
(IO = 5.0 mA)
TCVO
0.6
0.6
mV/
°C
NOTES: 1. Although power dissipation is internally limited, specifications apply only for PO ≤ Pmax, Pmax = 25 W.
2. Line and load regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.


Podobny numer części - MC78T00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T00 ONSEMI-MC78T00 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

Podobny opis - MC78T00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com