Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78T05CT Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC78T05CT
Szczegółowy opis  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78T05CT Arkusz danych(HTML) 6 Page - Motorola, Inc

Back Button MC78T05CT Datasheet HTML 2Page - Motorola, Inc MC78T05CT Datasheet HTML 3Page - Motorola, Inc MC78T05CT Datasheet HTML 4Page - Motorola, Inc MC78T05CT Datasheet HTML 5Page - Motorola, Inc MC78T05CT Datasheet HTML 6Page - Motorola, Inc MC78T05CT Datasheet HTML 7Page - Motorola, Inc MC78T05CT Datasheet HTML 8Page - Motorola, Inc MC78T05CT Datasheet HTML 9Page - Motorola, Inc MC78T05CT Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC78T00 Series
6
MOTOROLA ANALOG IC DEVICE DATA
VOLTAGE REGULATOR PERFORMANCE
The performance of a voltage regulator is specified by its
immunity to changes in load, input voltage, power dissipation,
and temperature. Line and load regulation are tested with a
pulse of short duration (< 100
µs) and are strictly a function of
electrical gain. However, pulse widths of longer duration (>
1.0 ms) are sufficient to affect temperature gradients across
the die. These temperature gradients can cause a change in
the output voltage, in addition to changes caused by line and
load regulation. Longer pulse widths and thermal gradients
make it desirable to specify thermal regulation.
Thermal regulation is defined as the change in output
voltage caused by a change in dissipated power for a
specified time, and is expressed as a percentage output
voltage change per watt. The change in dissipated power
can be caused by a change in either the input voltage or the
load current. Thermal regulation is a function of IC layout and
die attach techniques, and usually occurs within 10 ms of a
change in power dissipation. After 10 ms, additional changes
in the output voltage are due to the temperature coefficient of
the device.
Figure 1 shows the line and thermal regulation response of
a typical MC78T05AC to a 20 W input pulse. The variation of
the output voltage due to line regulation is labeled Πand the
thermal regulation component is labeled . Figure 2 shows
the load and thermal regulation response of a typical
MC78T05AC to a 20 W load pulse.
The output voltage
variation due to load regulation is labeled Πand the thermal
regulation component is labeled .
2
1
2
1
Figure 1. MC78T05AC Line and Thermal Regulation
Figure 2. MC78T05AC Load and Thermal Regulation
Vout = 5.0 V
Vin = 15
Iout = 0 A → 2.0 A → 0 A
t, TIME (2.0 ms/DIV)
1
2
2.0
0
Vout = 5.0 V
Vin = 8.0 V → 18 V → 8.0 V
Iout = 2.0 A
= Regline = 2.4 mV
t, TIME (2.0 ms/DIV)
1
2
18
8.0
2
2
= Regtherm = 0.0015%VO/W
= Regline = 4.4 mV
= Regtherm = 0.0015%VO/W
Representative Schematic Diagram
Q1
Q2
Q4
Q5
Q8
Q9
Q10
Q12
Q13
Q6
Q7
Q11
5.0 VO
Q14
Q15
Q17
Q18
Q16
Q20
Q19
Q23
Q22
Q24
Q21
Q25
Q26
Q27
Q3
1.0k
210
Input
16k
6.7V
300
1.0k
100
200
3.6k
6.4k
520
3.0k
5.6k
10pF
300
13
0.12
Output
200
50
2.6k
6.0k
40
pF
Gnd
2.8k
3.9k
2.0k
6.0k
1.0k
8.0–15 VO


Podobny numer części - MC78T05CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78T05CT ONSEMI-MC78T05CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Fairchild Semiconductor
MC78T05CT FAIRCHILD-MC78T05CT Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
ON Semiconductor
MC78T05CT ONSEMI-MC78T05CT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T05CTG ONSEMI-MC78T05CTG Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T05CTG ONSEMI-MC78T05CTG Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

Podobny opis - MC78T05CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com