Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4754A Arkusz danych(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Numer części 1N4754A
Szczegółowy opis  High stability and high reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N4754A Arkusz danych(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N4754A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N4754A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
1.0
10
1.0
10
6.0
3.14
3.47
3.42
3.78
3.71
4.10
4.09
4.52
4.47
4.94
4.85
5.36
5.32
5.88
5.89
6.51
6.46
7.88
7.13
8.61
7.79
9.56
8.65
9.50
10.45
11.40
10
5.0
3.0
8.4
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
100
50
10
10
10
10
10
10
10
5.0
1.0
1.0
1.0
1.0
2.0
4.0
5.0
7.0
7.6
9.0
11.55
12.60
10.50
7.14
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
特征 Features
·最大功率耗散1000mW。
Maximum power dissipation of 1000 mW
·齐纳击穿阻抗低。
Low zener impedance
机械数据 Mechanical Data
·封装: DO-41 玻璃封装
Case: DO-41 Glass Case
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
·高稳定性和可靠性。
High stability and high reliability
·反向漏电流小。
Low reverse leakage
mW
175
Tj
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
存储温度
单位
Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-50 --- +150
Pd
Ts
1000
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
12.35
13.65
14.25
15.75
15.20
16.80
11.4
1N4743A
1N4744A
1N4745A
9.9
12.2
17
15.5
19
5.0
5.0
5.0
SIYU R
Power Dissipation
Operating junction temperature
Storage temperature range
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
10
10
8.0
4.5
2.0
8.0
9.0
9.0
7.0
5.0
3.5
4.0
5.0
7.0
9.0
14
10
16
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
17
15.5
19
VF ≤ 1.2V @IF = 200mA
1N47 Series
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
DO41 Glass
Unit:mm


Podobny numer części - 1N4754A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
667Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
1N4754A CHONGQING-1N4754A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Shanghai Shunye Electro...
1N4754A SHUNYE-1N4754A Datasheet
341Kb / 3P
   ZENER DIODES
More results

Podobny opis - 1N4754A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
WALSIN TECHNOLOGY CORPO...
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
logo
Vishay Siliconix
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
   High Temperature Stability and High Reliability Conditions
Revision: 03-Jul-15
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com