Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT807BTSOGBLANK Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części 74FCT807BTSOGBLANK
Szczegółowy opis  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807BTSOGBLANK Arkusz danych(HTML) 2 Page - Integrated Device Technology

  74FCT807BTSOGBLANK Datasheet HTML 1Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 2Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 3Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 4Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 5Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 6Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 7Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+120
mA
PIN DESCRIPTION
Pin Names
Description
IN
Inputs
Ox
Outputs
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Commercial: TA = 0°C to +70°C, Industrial: TA = -40°C to +85°C, VCC = 5V ± 5%
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
0.8
V
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 2.7V
±1µA
IIL
InputLOWCurrent(Inputpins)
VCC = Max.
VI = 0.5V
±1µA
IOZH
HighImpedanceOutputCurrent
VCC = Max.
VO = 2.7V
±1µA
IOZL
(3-StateOutputpins)
VO = 0.5V
±1
II
Input HIGH Current
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
ShortCircuitCurrent(4)
VCC = Max., VO = GND(3)
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –15mA
2.4
3.3
V
VIN = VIH or VIL
IOH = –32mA
2
3
VOL
OutputLOWVoltage
VCC = Min.
IOL = 48mA
0.3
0.55
V
VIN = VIH or VIL
IOFF
Input/OutputPowerOffLeakage
VCC = 0V, VIN or VO
≤4.5V
±1µA
VH
Input Hysteresis for all inputs
150
mV
ICCL
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
5
500
µA
ICCH
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition should not exceed one second.
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Podobny numer części - 74FCT807BTSOGBLANK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74FCT807BTSOG RENESAS-74FCT807BTSOG Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
74FCT807BTSOGI RENESAS-74FCT807BTSOGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

Podobny opis - 74FCT807BTSOGBLANK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com