Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT38075DGGI Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 74FCT38075DGGI
Szczegółowy opis  3.3V CMOS 1-TO-5 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT38075DGGI Arkusz danych(HTML) 3 Page - Integrated Device Technology

  74FCT38075DGGI Datasheet HTML 1Page - Integrated Device Technology 74FCT38075DGGI Datasheet HTML 2Page - Integrated Device Technology 74FCT38075DGGI Datasheet HTML 3Page - Integrated Device Technology 74FCT38075DGGI Datasheet HTML 4Page - Integrated Device Technology 74FCT38075DGGI Datasheet HTML 5Page - Integrated Device Technology 74FCT38075DGGI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
IDT74FCT38075
3.3V CMOS 1-TO-5 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified
Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
2
5.5
V
VIL
Input LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = 5.5V
±1
μA
IIL
InputLOWCurrent
VCC = Max.
VI = GND
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
–45
–75
–180
mA
IODL
OutputLOWCurrent
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
50
92
200
mA
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3,4)
–60
–135
–240
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –12mA
2.4(5)
3—
V
VIN = VIH or VIL
IOH = –100
μAVCC- 0.2
VOL
OutputLOWVoltage
VCC = Min.
IOL = 12mA
0.3
0.5
V
VIN = VIH or VIL
IOL = 100
μA
0.2
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3, 25°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VOH = VCC - 0.6V at rated current.
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(P), and tSK(O) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
5. Skew measured between all outputs under identical transitions and load conditions.
6. Skew measured is difference between propagation delay times tPHL and tPLH of same output under identical load conditions.
7. Part to part skew for all outputs given identical transitions and load conditions at identical VCC levels and temperature.
8. Airflow of 1m/s is recommended for frequencies above 133MHz.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (3,4)
Symbol
Parameter
Conditions(1,8)
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 15pF
0.5
3
ns
tPHL
f
≤166MHz
tR
Output Rise Time (0.8V to 2V)
1.5
ns
tF
Output Fall Time (2V to 0.8V)
1.5
ns
tSK(O)
Samedeviceoutputpin-to-pinskew(5)
100
ps
tSK(P)
Pulse skew(6)
250
ps
tSK(PP)
Part to part skew(7)
550
ps
fMAX
InputFrequency
166
MHz


Podobny numer części - 74FCT38075DGGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74FCT38075DCGI RENESAS-74FCT38075DCGI Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results

Podobny opis - 74FCT38075DGGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com